Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856447 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856447
Description  170.6 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856447 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856447_15 Datasheet HTML 1Page - TriQuint Semiconductor 856447_15 Datasheet HTML 2Page - TriQuint Semiconductor 856447_15 Datasheet HTML 3Page - TriQuint Semiconductor 856447_15 Datasheet HTML 4Page - TriQuint Semiconductor 856447_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 856447
170.6 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
12/08
© TriQuint Semiconductor
Page 2 of 5
Electrical Specifications
(1)
Operating Temperature Range:
(2)
-20 to +85
°C
Parameter
(3)
Minimum
Typical
(4)
Maximum
Unit
Center Frequency
-
170.6
-
MHz
Insertion Loss at Fo
-
5.59
8
dB
1 dB Lower Frequency
1 dB Upper Frequency
-
170.69
170.44
170.75
170.51
-
MHz
MHz
13 dB Lower Frequency
13 dB Upper Frequency
170.2
-
170.27
170.95
-
171.0
MHz
MHz
27 dB Lower Frequency
27 dB Upper Frequency
170.0
-
170.11
171.11
-
171.2
MHz
MHz
40 dB Lower Frequency
40 dB Upper Frequency
169.8
-
170.00
171.23
-
171.4
MHz
MHz
43 dB Lower Frequency
43 dB Upper Frequency
169.0
-
169.94
171.28
-
172.2
MHz
MHz
47 dB Lower Frequency
47 dB Upper Frequency
167.4
-
169.85
171.60
-
173.8
MHz
MHz
Amplitude Variation
170.51 - 170.69 MHz
-
0.29
1
dB p-p
Group Delay Ripple
170.51 - 170.69 MHz
-
421
1000
nsec
Minimum Rejection
171.4 - 171.6 MHz
40
-
-
dB
Input Power Level
-
-
20
dBm
Passband Input IP3
30
-
-
dBm
Input/Output VSWR
-
-
2:1
−
Optimal Source Impedance:
(5)
-
50
-
Ω
Optimal Load Impedance:
(5)
-
50
-
Ω
Notes:
1. All specifications are based on the TriQuint test circuit shown below
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4. Typical values are based on average measurements at room temperature
5. This is the optimum impedance in order to achieve the performance shown
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
50
Ω
Single-ended
Input
1,2,3,4
6,7,8,9
50
Ω
Ω
Ω
Ω
220pF
10
5
27nH
50
Ω
Ω
Ω
Ω
18nH
15nH
50
Ω
Single-ended
Output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com