Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCK220LP Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCK220LP
Description  Super Low VF Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCK220LP Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCK220LP Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCK220LP Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SCK220LP
2 A, 20 V
Super Low VF Schottky Barrier Rectifiers
15-Aug-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES
Tj, Junction Temperature (℃)
Typical Forward Current Derating Curve
0
1
2
3
0
50
100
150
Maximum Non- Repetitive Forward
Surge Current
Number of Cycles at 60Hz
0
2
4
6
8
10
0
10
100
8.3mS Single half
Sine Wave
JEDEC Method
Tj=25℃
Revise Voltage (%)
Typical Junction Capacitance
0
100
200
300
400
0
1
10
100
0.1
0.01
0.1
1
10
Forward Voltage (V)
Typical Forward Characteristic
0.2
0.3
0.4
0.5
25℃
50℃
75℃
0.01
0.1
1
10
100
20
510
15
25
1
Reverse Voltage(V)
Typical Reverse Characteristic
25℃
50℃
75℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com