Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7478 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7478
Description  Power MOSFET(Vdss=60V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7478 Datasheet(HTML) 1 Page - International Rectifier

  IRF7478 Datasheet HTML 1Page - International Rectifier IRF7478 Datasheet HTML 2Page - International Rectifier IRF7478 Datasheet HTML 3Page - International Rectifier IRF7478 Datasheet HTML 4Page - International Rectifier IRF7478 Datasheet HTML 5Page - International Rectifier IRF7478 Datasheet HTML 6Page - International Rectifier IRF7478 Datasheet HTML 7Page - International Rectifier IRF7478 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
3/13/01
IRF7478
SMPS MOSFET
HEXFET® Power MOSFET
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
7.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
5.6
A
IDM
Pulsed Drain Current

56
PD @TA = 25°C
Power Dissipation
„
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
†
3.7
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through † are on page 8
SO-8
T op V iew
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS
RDS(on) max (mΩ)
Ω)
Ω)
Ω)
Ω)
ID
60V
26@VGS = 10V
4.2A
30@VGS = 4.5V
3.5A
l High frequency DC-DC converters
Benefits
Applications
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
l Low Gate to Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
PD- 94055A


Similar Part No. - IRF7478

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF7478 EVVOSEMI-IRF7478 Datasheet
491Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Rev:2023A2
logo
International Rectifier
IRF7478PBF IRF-IRF7478PBF Datasheet
128Kb / 8P
SMPS MOSFET
IRF7478PBF IRF-IRF7478PBF Datasheet
133Kb / 8P
High frequency DC-DC converters
IRF7478PBF IRF-IRF7478PBF Datasheet
133Kb / 8P
High frequency DC-DC converters
IRF7478PBF-1 IRF-IRF7478PBF-1 Datasheet
203Kb / 8P
Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7478

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ44 IRF-IRCZ44 Datasheet
132Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
IRF9Z14 IRF-IRF9Z14 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)
IRF9Z24S IRF-IRF9Z24S Datasheet
311Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
IRF9Z34S IRF-IRF9Z34S Datasheet
334Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com