Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMARTINT3000VS Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMARTINT3000VS
Description  SmartPro 230V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMARTINT3000VS Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMARTINT3000VS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMARTINT3000VS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMARTINT3000VS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMARTINT3000VS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMARTINT3000VS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 230V 3kVA 2.25kW Line-Interactive UPS,
Extended Run, SNMP, Webcard, Tower, USB, DB9
Serial
MODEL NUMBER: SMARTINT3000VS
Description
Tripp Lite's SMARTINT3000VS intelligent, line-interactive tower uninterruptible power supply (UPS) prevents
data loss, downtime and equipment damage due to power outages, voltage fluctuations and transient surges.
Large internal batteries offer 14 minutes half load runtime and 4 minutes at full load. Runtime is expandable with
optional external battery packs. Maintains regulated 230V nominal output without using battery power during brownouts and overvoltages from 151 to 282V.
3000VA power handling capability offers compatibility with a variety of networking, telecom and other sensitive electronic applications. Includes a total of 9
outlets with 3 load banks that are individually switchable via software interface to reboot select equipment on demand or shed less significant loads to extend
battery runtime for more critical equipment. Supports simultaneous remote monitoring of UPS and site power conditions via built-in USB and DB9 monitoring
ports. Includes PowerAlert UPS monitoring and unattended shutdown software with complete cabling. Built-in accessory slot supports SNMP with optional
SNMPWEBCARD adapter. Emergency Power Off (EPO) interface offers option for instantaneous power-off of UPS and connected equipment in the case of
fire or emergency. Multi-function audible alarms and set of 5 front panel LEDs offer at-a-glance notification of UPS and line power status. Network-grade AC
surge suppression protects equipment from damage and performance problems resulting from transient surges and line noise. Attractive gray color scheme.
Features
SMARTINT3000VS line-interactive UPS offers protection from blackouts, brownouts, overvoltages and surges
3000VA / 2250 watt capacity
Internal batteries support a half load of 1500VA for 14 minutes and a full load of 3000VA for 4 minutes
Runtime is further expandable with the addition of BP48V24-2U (limit 1), BP48V60RT-3U (multi-pack compatible) and BP48V27-2US (multi-pack
compatible) external battery packs
Maintains regulated 230V nominal output during brownouts and overvoltages from 151 to 282V
Includes 9 UPS supported outlets with 3 individually controllable load banks (2 outlets per bank) that can be powered off and back on again via software
interface
IEC320-C20 input connection accepts a variety of detachable cord sets to match country or site-specific wall receptacles
PowerAlert UPS monitoring and unattended shutdown software included
Offers simultaneous monitoring by up to 4 directly-connected devices through included USB and DB9 interface ports, or the monitoring by any number of
Highlights
3kVA / 3000VA / 2250W line
interactive tower UPS system
230V nominal output during
brownouts to 151V and
overvoltages to 282V
Extended runtime options, Front
panel status LEDs
USB, RS232, EPO and optional
SNMP/Web interface; 3 switched
load banks
C20 inlet; 8 C13 & 1 C19 outlets;
3 C13 to C14 cables included
Package Includes
SMARTINT3000VS UPS System
PowerAlert software with USB
and DB9 cables
Cable for Emergency Power Off
interface
Instruction manual with warranty
information
C13 to C14 power cables (3)
1 / 5


Similar Part No. - SMARTINT3000VS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMARTINT1500 TRIPPLITE-SMARTINT1500 Datasheet
494Kb / 5P
SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
SMARTINT2200VS TRIPPLITE-SMARTINT2200VS Datasheet
505Kb / 5P
SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
More results

Similar Description - SMARTINT3000VS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
-SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
SMARTINT2200VS TRIPPLITE-SMARTINT2200VS Datasheet
505Kb / 5P
SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
SMX3000RT2UTAA TRIPPLITE-SMX3000RT2UTAA Datasheet
487Kb / 5P
TAA-Compliant SmartPro 230V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMX3000XLRT2U TRIPPLITE-SMX3000XLRT2U Datasheet
488Kb / 5P
SmartPro 230V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMX3000XLRT2UA TRIPPLITE-SMX3000XLRT2UA Datasheet
507Kb / 5P
SmartPro 230V 3kVA 2.7kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com