Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16434 Datasheet(PDF) 21 Page - NEC

Part # UPD16434
Description  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16434 Datasheet(HTML) 21 Page - NEC

Back Button UPD16434 Datasheet HTML 17Page - NEC UPD16434 Datasheet HTML 18Page - NEC UPD16434 Datasheet HTML 19Page - NEC UPD16434 Datasheet HTML 20Page - NEC UPD16434 Datasheet HTML 21Page - NEC UPD16434 Datasheet HTML 22Page - NEC UPD16434 Datasheet HTML 23Page - NEC UPD16434 Datasheet HTML 24Page - NEC UPD16434 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Data Sheet S10299EJ4V0DS00
21
µµµµ PD16434
3. DATA INPUT/OUTPUT OPERATION
In the
µ PD16434, a command/data consists of 1 byte (8 bits), and processing is performed each time a byte of
data is transferred in either the serial or parallel mode.
The end of a byte data transfer is confirmed by the byte counter (octal/binary counter) which counts eight /SCK
counts or two /STB counts.
This counter is unconditionally cleared, when /CS = high or RESET = high, and becomes ready to count a new byte
or data. Therefore, if /CS is set to high or RESET is input in the middle of a byte transfer, the byte transfer is not
guaranteed.
In the serial interface mode, data is treated as 8-bit serial data. It is regarded that 1 byte of data has been input or
output, when eight serial clock pulses (/SCK) are counted in the chip selected condition, then internal processing is
started. At the 8th rising edge of the /SCK, the
µ PD16434 sets the /BUSY signal to low to inform the CPU that the
µ PD16434 is in a busy state.
When the internal processing completes, the
µ PD16434 sets the /BUSY signal to high to inform the CPU that the
µ PD16434 is ready for the next byte transfer.
The serial data is input/output with the MSB first (refer to Figure 3–1 and Figure 3–2).
If the chip address selection function is specified in the serial interface mode, the 8-bit serial data (only the lower 2
bits have a meaning) for chip address information must be written first after the /CS falling edge. Only the chip, whose
address coincides with this information, can enter command input or data input/output operation (refer to Figure 3–3 and
Figure 3–4).
In the parallel interface mode, since the data bus (D3 to D0) is a 4-bit bus, data is treated as 4-bit
× 2 parallel data.
When the parallel data strobe signal (/STB) is counted twice in the chip selected state, it is regarded that a byte of data
has been input/output, then the
µ PD16434 enters the internal processing.
At the 2nd rising edge of the /STB, the
µ PD16434 sets the /BUSY signal to low, to inform the CPU that the
µ PD16434 is in a busy state. When the internal processing completes, the µ PD16434 sets the /BUSY signal to high, to
inform the CPU that the
µ PD16434 is ready for the next byte transfer.
In both input and output operation, the upper 4 bits of parallel data correspond to the first /STB, and the lower 4 bits
of parallel data correspond to the second /STB.
The parallel interface of the
µ PD16434 is compatible with the µ PD82C43 I/O expander, so that the parallel data
can be input to the
µ PD16434 in the same manner as sending 4-bit data twice to the µ PD82C43. In addition, 8-bit data
can be read out from the serial/parallel register of the
µ PD16434 in the same way as reading 4-bit data twice from the
µ PD82C43.
The chip address selection function is always specified in the parallel interface mode. After the /CS falling edge, the
data on the D1 and D0 lines, read at the first falling edge of the /STB, becomes the chip address information. The lower 2
bits of the command code, output from the CPU as the data for selecting port 4 to port 7 of the
µ PD82C43, are used as
the chip address information. After the /CS falling edge, the command code, output from the CPU at the second and
successive falling edges of the /STB, has no meaning for the
µ PD16434 (refer to Figure 3–5 and Figure 3–6). Refer to 4.
SELECTING
µµµµ PD16434 INTERFACE FUNCTION WITH CPU for details on chip address function
selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com