Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6503 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6503
Description  CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6503 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6503 Datasheet HTML 3Page - Torex Semiconductor XC6503 Datasheet HTML 4Page - Torex Semiconductor XC6503 Datasheet HTML 5Page - Torex Semiconductor XC6503 Datasheet HTML 6Page - Torex Semiconductor XC6503 Datasheet HTML 7Page - Torex Semiconductor XC6503 Datasheet HTML 8Page - Torex Semiconductor XC6503 Datasheet HTML 9Page - Torex Semiconductor XC6503 Datasheet HTML 10Page - Torex Semiconductor XC6503 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/26
XC6503
Series
■
ELECTRICAL CHARACTERISTICS (Continued)
●
Voltage Chart
Ta=25℃
E-0
E-1
E-2
E-0
E-1
E-2
NOMINAL
VOLTAGE
OUTPUT
VOLTAGE
DROPOUT
VOLTAGE
LINE
REGULATION
NOMINAL
VOLTAGE
OUTPUT
VOLTAGE
DROPOUT
VOLTAGE
LINE
REGULATION
(V)
(V)
(mV)
(%/V)
(V)
(V)
(mV)
(%/V)
VOUT(E)
Vdif
ΔVOUT/
(ΔVIN・VOUT)
VOUT(E)
Vdif
ΔVOUT/
(ΔVIN・VOUT)
VOUT(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
VOUT(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
1.200
1.1800
1.2200
555
660
0.1
0.25
3.150
3.1185
3.1815
190
250
0.1
0.2
1.250
1.2300
1.2700
↑
↑
↑
↑
3.200
3.1680
3.2320
170
230
↑
↑
1.300
1.2800
1.3200
↑
↑
↑
0.2
3.250
3.2175
3.2825
↑
↑
↑
↑
1.350
1.3300
1.3700
↑
↑
↑
↑
3.300
3.2670
3.3330
↑
↑
↑
↑
1.400
1.3800
1.4200
440
560
↑
↑
3.350
3.3165
3.3835
↑
↑
↑
↑
1.450
1.4300
1.4700
↑
↑
↑
↑
3.400
3.3660
3.4340
↑
↑
↑
↑
1.500
1.4800
1.5200
↑
↑
↑
↑
3.450
3.4155
3.4845
↑
↑
↑
↑
1.550
1.5300
1.5700
↑
↑
↑
↑
3.500
3.4650
3.5350
↑
↑
↑
↑
1.600
1.5800
1.6200
360
450
↑
↑
3.550
3.5145
3.5855
↑
↑
↑
↑
1.650
1.6300
1.6700
↑
↑
↑
↑
3.600
3.5640
3.6360
155
210
↑
↑
1.700
1.6800
1.7200
↑
↑
↑
↑
3.650
3.6135
3.6865
↑
↑
↑
↑
1.750
1.7300
1.7700
↑
↑
↑
↑
3.700
3.6630
3.7370
↑
↑
↑
↑
1.800
1.7800
1.8200
300
390
↑
↑
3.750
3.7125
3.7875
↑
↑
↑
↑
1.850
1.8300
1.8700
↑
↑
↑
↑
3.800
3.7620
3.8380
↑
↑
↑
↑
1.900
1.8800
1.9200
↑
↑
↑
↑
3.850
3.8115
3.8885
↑
↑
↑
↑
1.950
1.9300
1.9700
↑
↑
↑
↑
3.900
3.8610
3.9390
↑
↑
↑
↑
2.000
1.9800
2.0200
265
330
↑
↑
3.950
3.9105
3.9895
↑
↑
↑
↑
2.050
2.0295
2.0705
↑
↑
↑
↑
4.000
3.9600
4.0400
↑
↑
↑
↑
2.100
2.0790
2.1210
↑
↑
↑
↑
4.050
4.0095
4.0905
↑
↑
↑
↑
2.150
2.1285
2.1715
↑
↑
↑
↑
4.100
4.0590
4.1410
↑
↑
↑
↑
2.200
2.1780
2.2220
240
310
↑
↑
4.150
4.1085
4.1915
↑
↑
↑
↑
2.250
2.2275
2.2725
↑
↑
↑
↑
4.200
4.1580
4.2420
140
195
↑
↑
2.300
2.2770
2.3230
↑
↑
↑
↑
4.250
4.2075
4.2925
↑
↑
↑
↑
2.350
2.3265
2.3735
↑
↑
↑
↑
4.300
4.2570
4.3430
↑
↑
↑
↑
2.400
2.3760
2.4240
↑
↑
↑
↑
4.350
4.3065
4.3935
↑
↑
↑
↑
2.450
2.4255
2.4745
↑
↑
↑
↑
4.400
4.3560
4.4440
↑
↑
↑
↑
2.500
2.4750
2.5250
210
270
↑
↑
4.450
4.4055
4.4945
↑
↑
↑
↑
2.550
2.5245
2.5755
↑
↑
↑
↑
4.500
4.4550
4.5450
↑
↑
↑
↑
2.600
2.5740
2.6260
↑
↑
↑
↑
4.550
4.5045
4.5955
↑
↑
↑
↑
2.650
2.6235
2.6765
↑
↑
↑
↑
4.600
4.5540
4.6460
↑
↑
↑
↑
2.700
2.6730
2.7270
↑
↑
↑
↑
4.650
4.6035
4.6965
↑
↑
↑
↑
2.750
2.7225
2.7775
↑
↑
↑
↑
4.700
4.6530
4.7470
↑
↑
↑
↑
2.800
2.7720
2.8280
190
250
↑
↑
4.750
4.7025
4.7975
↑
↑
↑
↑
2.850
2.8215
2.8785
↑
↑
↑
↑
4.800
4.7520
4.8480
↑
↑
↑
↑
2.900
2.8710
2.9290
↑
↑
↑
↑
4.850
4.8015
4.8985
↑
↑
↑
↑
2.950
2.9205
2.9795
↑
↑
↑
↑
4.900
4.8510
4.9490
↑
↑
↑
↑
3.000
2.9700
3.0300
↑
↑
↑
↑
4.950
4.9005
4.9995
↑
↑
↑
↑
3.050
3.0195
3.0805
↑
↑
↑
↑
5.000
4.9500
5.0500
↑
↑
↑
↑
3.100
3.0690
3.1310
↑
↑
↑
↑



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com