Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6505 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6505
Description  Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6505 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6505 Datasheet HTML 16Page - Torex Semiconductor XC6505 Datasheet HTML 17Page - Torex Semiconductor XC6505 Datasheet HTML 18Page - Torex Semiconductor XC6505 Datasheet HTML 19Page - Torex Semiconductor XC6505 Datasheet HTML 20Page - Torex Semiconductor XC6505 Datasheet HTML 21Page - Torex Semiconductor XC6505 Datasheet HTML 22Page - Torex Semiconductor XC6505 Datasheet HTML 23Page - Torex Semiconductor XC6505 Datasheet HTML 24Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21/24
XC6505
Series
■
PACKAGING INFORMATION (Continued)
●
SOT-25 Power Dissipation
Board Mount (Tj max = 125℃)
Ambient Temperature(℃)
Power Dissipation Pd(mW)
Thermal Resistance (℃/W)
25
600
105
120
166.67
評価基板レイアウト(単位:mm)
Power dissipation data for the SOT-25 is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as one of reference data taken in the described condition.
1.
Measurement Condition (Reference data)
Condition:
Mount on a board
Ambient:
Natural convection
Soldering:
Lead (Pb) free
2
Board:
Dimensions 40 x 40 mm (1600 mm in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
(Board of SOT-26 is used.)
Material:
Glass Epoxy (FR-4)
Thickness:
1.6 mm
Through-hole: 4 x 0.8 Diameter
Evaluation Board (Unit: mm)
2. Power Dissipation vs. Ambient Temperature
Pd-Ta特性グラフ
0
100
200
300
400
500
600
700
25
45
65
85
105
125
周囲温度Ta(℃)
Pd vs. Ta
Ambient Temperature Ta (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com