Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS204F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS204F
Description  Surface Mount, Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS204F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS204F_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS204F_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS204F
Voltage 20V, Current 0.1A
Surface Mount, Switching Diode
The SCS204F is designed for bias circuit
and protection circuit.
Description
Marking
A5, K
01-Jun-2006 Rev. B
Page 1 of 2
Max. Peak Repetitive Reverse Voltage
0.1
2.0
20
0.3
225
-55~+150
Max. Average Forward Rectified Current
Operating Junction and Storage Temperature Range
Tj, Tstg
Max. DC Blocking Voltage
Peak Forward Surge Current at 1uSec
Typical Junction Capacitance Between Terminal
Total Power Dissipation
CJ
PD@TC=25 C
o
A
C
o
Characteristics at Ta = 25
Characteristics
Typ.
Symbol
Unit
Max. Instantaneous Forward Voltage
1.00
V
Max. RMS Voltage
Parameter
Symbol
Ratings
Unit
A
V
V
pF
V
mW
VRRM
VRMS
20
14
1
VDC
IFSM
Io
C
o
Test Condition
Max. Average Reverse Current
VF
IR
0.1
uA
IF=10mA
VR=15V
Absolute Maximum Ratings
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323(SC-70)
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
3
2
1
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS204F_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS204F SECOS-SCS204F Datasheet
494Kb / 2P
Voltage 20V, Current 0.1A Surface Mount, Switching Diode
More results

Similar Description - SCS204F_15

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com