Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7807D2 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7807D2
Description  MOSFET / SCHOTTKY DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807D2 Datasheet(HTML) 2 Page - International Rectifier

  IRF7807D2 Datasheet HTML 1Page - International Rectifier IRF7807D2 Datasheet HTML 2Page - International Rectifier IRF7807D2 Datasheet HTML 3Page - International Rectifier IRF7807D2 Datasheet HTML 4Page - International Rectifier IRF7807D2 Datasheet HTML 5Page - International Rectifier IRF7807D2 Datasheet HTML 6Page - International Rectifier IRF7807D2 Datasheet HTML 7Page - International Rectifier IRF7807D2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7807D2
2
www.irf.com
Schottky Diode & Body Diode Ratings and Characteristics
Parameter
Min
Typ
Max
Units
Conditions
Diode Forward Voltage
V
SD
0.54
V
T
j = 25°C, Is = 3A, VGS =0V‚
0.43
T
j = 125°C, Is = 3A, VGS =0V‚
Reverse Recovery Time
trr
36
ns
T
j = 25°C, Is = 7.0A, VDS = 16V
Reverse Recovery Charge
Qrr
41
nC
di/dt = 100A/µs
Forward Turn-On Time
t
on
Intrinsic turn-on time is negligible (turn-on is dominated by L
S+LD)

Repetitive rating; pulse width limited by max. junction temperature.
‚
Pulse width
≤ 300 µs; duty cycle ≤ 2%.
ƒ
When mounted on 1 inch square copper board, t < 10 sec.
„
50% Duty Cycle, Rectangular
*
Devices are 100% tested to these parameters.
Electrical Characteristics
Parameter
Min
Typ
Max
Units
Conditions
Drain-to-Source
V
(BR)DSS
30
V
V
GS = 0V, ID = 250µA
Breakdown Voltage*
Static Drain-Source
R
DS(on)
17
25
m
Ω
V
GS = 4.5V, ID = 7A
‚
on Resistance*
Gate Threshold Voltage* V
GS(th)
1.0
V
V
DS = VGS,ID = 250µA
Drain-Source Leakage
I
DSS
90
µAV
DS = 24V, VGS = 0V
Current*
7.2
mA
V
DS = 24V, VGS = 0V,
T
j = 125°C
Gate-Source Leakage
I
GSS
+/- 100
nA
V
GS = +/-12V
Current*
Total Gate Charge
Q
gsync
10.5
14
V
DS<100mV,
Synch FET*
V
GS = 5V, ID = 7A
Total Gate Charge
Q
gcont
12
17
V
DS= 16V,
Control FET*
V
GS = 5V, ID = 7A
Pre-Vth
Q
gs1
2.1
V
DS = 16V, ID = 7A
Gate-Source Charge
Post-Vth
Q
gs2
0.76
nC
Gate-Source Charge
Gate to Drain Charge
Q
gd
2.9
Switch Charge*
Q
SW
3.66
5.2
(Q
gs2 + Qgd)
Output Charge*
Q
oss
17.6
21.6
V
DS = 16V, VGS = 0
Gate Resistance
R
g
1.2
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com