Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS401F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS401F
Description  Plastic-Encapsulate Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS401F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS401F_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS401F_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS401F
Plastic-Encapsulate Schottky Diode
11-Nov-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
D9
Cathode
Cathode
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Forward Voltage : VF=0.38V(Typ.)
Low Reverse Current : IR=50
µA(Max.)
Small total Capacitance CT=46pF(Typ.)
MARKING
ABSOLUTE MAXIMUM RATINGS (Single diode, at Ta = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Non-Repetitive Peak Reverse Voltage
VRM
25
V
Peak Repetitive Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
20
V
Forward Continuous Current
IFM
700
mA
Average Rectified Output Current
IO
300
mA
Power Dissipation
PD
100
mW
Junction, Storage Temperature
TJ, TSTG
125, -55 ~ +125
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
PARAMETERS
SYMBOL
MIN.
TYP.
MAX. UNIT
TEST CONDITIONS
Reverse Breakdown Voltage
V(BR)R
20
-
-
V
IR = 100
µA
VF1
-
0.16
-
V
IF = 1mA
VF2
-
0.22
-
V
IF = 10mA
Forward Voltage
VF3
-
0.38
0.45
V
IF = 300mA
Reverse Current
IR
-
-
50
µA
VR = 20V
Capacitance between Terminals
CT
-
46
-
pF
VR = 0, f =1MHz
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40
Anode
N.C
N.C
Anode


Similar Part No. - SCS401F_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS401F SECOS-SCS401F Datasheet
139Kb / 2P
Plastic-Encapsulate Schottky Diode
More results

Similar Description - SCS401F_15

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMPSH-3 RECTRON-CMPSH-3 Datasheet
295Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
CMPSH-3A RECTRON-CMPSH-3A Datasheet
296Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
CMPSH-3C RECTRON-CMPSH-3C Datasheet
296Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
CMPSH-3S RECTRON-CMPSH-3S Datasheet
296Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
logo
SeCoS Halbleitertechnol...
SCS401F SECOS-SCS401F Datasheet
139Kb / 2P
Plastic-Encapsulate Schottky Diode
SCS480N SECOS-SCS480N Datasheet
102Kb / 2P
Small Signal Schottky Plastic-Encapsulate Diode
SD106WS SECOS-SD106WS Datasheet
122Kb / 2P
Plastic-Encapsulate Fast Schottky Diode
SD106WS SECOS-SD106WS_15 Datasheet
122Kb / 2P
Plastic-Encapsulate Fast Schottky Diode
logo
Rectron Semiconductor
B581XWS RECTRON-B581XWS Datasheet
270Kb / 5P
Plastic-Encapsulate Schottky Barrier Diode
B5817WS RECTRON-B5817WS Datasheet
364Kb / 5P
Plastic-Encapsulate Schottky Barrier Diode
2021-09/11 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com