Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9540NSTRL Datasheet(PDF) 10 Page - International Rectifier

Part # IRF9540NSTRL
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9540NSTRL Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF9540NSTRL Datasheet HTML 2Page - International Rectifier IRF9540NSTRL Datasheet HTML 3Page - International Rectifier IRF9540NSTRL Datasheet HTML 4Page - International Rectifier IRF9540NSTRL Datasheet HTML 5Page - International Rectifier IRF9540NSTRL Datasheet HTML 6Page - International Rectifier IRF9540NSTRL Datasheet HTML 7Page - International Rectifier IRF9540NSTRL Datasheet HTML 8Page - International Rectifier IRF9540NSTRL Datasheet HTML 9Page - International Rectifier IRF9540NSTRL Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF9540NS/L
Tape & Reel Information
D2Pak
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
5/98
3
4
4
TR R
F E E D DIRE CTIO N
1.85 ( .07 3)
1.65 ( .06 5)
1.60 (.0 6 3 )
1.50 (.0 5 9 )
4.10 ( .16 1)
3.90 ( .15 3)
TR L
F E E D D IRE CTIO N
10 .9 0 (.42 9)
10 .7 0 (.42 1)
16 .10 (.634)
15 .90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.3 68 (.0145)
0.3 42 (.0135)
1 .60 (.06 3)
1 .50 (.05 9)
13.50 (.532 )
12.80 (.504 )
33 0.00
(1 4.1 73)
MA X .
2 7.4 0 ( 1.079)
2 3.9 0 ( .9 41)
60.00 (2.3 62)
M IN .
3 0.40 (1.1 97)
M A X .
26 .40 ( 1.03 9)
24 .40 ( .961 )
NO T ES :
1. C O M F O R M S TO E IA -4 18.
2. C O NTRO LLING DIM E N S IO N: M ILL IM ET ER .
3. DIM E NSIO N M EASUR E D @ HU B.
4. IN C LU D E S F LA N GE D IS TOR T ION @ OU T E R E D GE .



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com