Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9952 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9952
Description  Power MOSFET(Vdss=-30V)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9952 Datasheet(HTML) 1 Page - International Rectifier

  IRF9952 Datasheet HTML 1Page - International Rectifier IRF9952 Datasheet HTML 2Page - International Rectifier IRF9952 Datasheet HTML 3Page - International Rectifier IRF9952 Datasheet HTML 4Page - International Rectifier IRF9952 Datasheet HTML 5Page - International Rectifier IRF9952 Datasheet HTML 6Page - International Rectifier IRF9952 Datasheet HTML 7Page - International Rectifier IRF9952 Datasheet HTML 8Page - International Rectifier IRF9952 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N-Channel
P-Channel
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
± 20
TA = 25°C
3.5
-2.3
TA = 70°C
2.8
-1.8
Pulsed Drain Current
IDM
16
-10
Continuous Source Current (Diode Conduction)
IS
1.7
-1.3
TA = 25°C
2.0
TA = 70°C
1.3
Single Pulse Avalanche Energy
EAS
44
57
mJ
Avalanche Current
IAR
2.0
-1.3
A
Repetitive Avalanche Energy
EAR
0.25
mJ
Peak Diode Recovery dv/dt
‚
dv/dt
5.0
-5.0
V/ ns
Junction and Storage Temperature Range
TJ,TSTG
-55 to + 150 °C
PRELIMINARY
HEXFET® Power MOSFET
PD - 9.1561A
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
8/25/97
SO-8
l Generation V Technology
l Ultra Low On-Resistance
l Dual N and P Channel MOSFET
l Surface Mount
l Very Low Gate Charge and
Switching Losses
l Fully Avalanche Rated
IRF9952
Description
Thermal Resistance Ratings
Parameter
Symbol
Limit
Units
Maximum Junction-to-Ambient
…
RθJA
62.5
°C/W
Continuous Drain Current
…
Maximum Power Dissipation
…
A
ID
PD
V
W
Symbol
Maximum
Units
D1
N-CH A N NE L M O S F E T
P -C H AN N E L M O SF ET
D1
D2
D2
G1
S2
G2
S1
T o p V iew
8
1
2
3
4
5
6
7
N-Ch P-Ch
VDSS
30V
-30V
RDS(on) 0.10Ω 0.25Ω
Recommended upgrade: IRF7309 or IRF7319
Lower profile/smaller equivalent: IRF7509


Similar Part No. - IRF9952

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9952PBF IRF-IRF9952PBF Datasheet
224Kb / 10P
HEXFET Power MOSFET
IRF9952PBF IRF-IRF9952PBF Datasheet
229Kb / 10P
ULTRA LOW ON RESISTANCE
IRF9952PBF IRF-IRF9952PBF_15 Datasheet
229Kb / 10P
ULTRA LOW ON RESISTANCE
IRF9952QPBF IRF-IRF9952QPBF Datasheet
280Kb / 10P
HEXFET Power MOSFET
IRF9952QPBF IRF-IRF9952QPBF Datasheet
269Kb / 10P
Advanced Process Technology
More results

Similar Description - IRF9952

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-30V)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
Power MOSFET(Vdss=30V, Id=12A)
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
Power MOSFET(Vdss=30V, Id=11A)
IRF7509 IRF-IRF7509 Datasheet
217Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7706 IRF-IRF7706 Datasheet
152Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7726 IRF-IRF7726 Datasheet
95Kb / 9P
Power MOSFET(Vdss=-30V)
IRF7751 IRF-IRF7751 Datasheet
162Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
Power MOSFET(Vdss=30V)
IRLML5203 IRF-IRLML5203 Datasheet
137Kb / 9P
Power MOSFET(Vdss=-30V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com