Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B022U08IP Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B022U08IP
Description  NetDirector 8-Port 1U Rack-Mount IP KVM Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B022U08IP Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B022U08IP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B022U08IP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B022U08IP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Control up to 8 computers on a single KVM switch.
Remotely access computers via LAN, WAN or Internet via the Windows™ or Java browser clients.
AP Windows and Java non-browser applications allow the KVM to be remotely accessed via the network
without going through a browser.
External USB 1.1 port allows USB peripheral devices to be shared amongst connected computers.
Grayscale feature allows you to view remote sessions in black and white, reducing the amount of data
traveling over the network and improving keyboard/mouse response time over IP.
Web management interface, OSD and toolbars provide convenient, user-friendly operation.
3-level security (Admin, User and Select) – up to 64 accounts can be created.
Panel Array Mode – remotely monitor multiple ports at the same time.
Message board feature allows users who are logged in at the same time to communicate with each other and
manage port access.
CD includes a Windows-based log server that records events on the installation and writes them to a
searchable database.
Supports RADIUS and LDAP/S authentication.
Flash firmware upgradable via network and included firmware upgrade cable.
Supports both IPv4 and IPv6.
Supports Link Local IPv6 Address and IPv6 Stateless Auto configuration protocol.
Web Management Interface, Remote OSD and Local OSD can be displayed in English, Spanish, French,
German and Japanese.
Advanced encryption technologies: 128-bit SSL, 128-bit RC4, 1024-bit RSA, 56-bit DES, 256-bit AES, 168-bit
3DES.
Video resolutions up to 2048 x 1536, DDC2B are supported at the local console. Video resolutions up to 1600
x 1200 @ 60Hz, 24-bit color depth are supported at the remote console.
Compatible with all major operating systems.
Specifications
OVERVIEW
Users
1
Port Control
Push Buttons, Hotkeys, OSD
Max CPU
8
PC/Server Connections
PS/2
Cat5 KVM Switch
No
IP Remote Access
Yes
Style
1U Rackmount
PHYSICAL
Unit Dimensions (hwd /
in.)
1.73 x 17 x 6
Unit Weight (lbs.)
6.1
Users who want to access the
KVM switch with the Java client
must have Sun's Java 6 (update
3 or higher) runtime environment
installed. Java is available for
free download from the Java
website.
For best results, a network
transfer speed of at least
128Kbps is recommended.
Browsers must support 128-bit
data encryption.
To run the Log Server, you must
have the Microsoft Jet OLED8
4.0 (or higher) driver installed.
Supported Web Browsers
Internet Explorer 6 and higher
Firefox 1.5 and higher
Mozilla 1.7 and higher
Safari 4.0 and higher
Opera 9.0 and higher
Netscape 8.1 and higher
Package Includes
B022-U08-IP IP KVM Switch
(x2) 6 ft. USB/PS2 Combo KVM
Cable Kits
USB/PS2 Combo Console Cable
Kit
RJ11 to DB9 Firmware Upgrade
Cable
Rackmount Hardware
External Power Supply (Input:
100-240V, 50/60Hz, 0.5A Output:
5.3V, 2.4A)
Rubber Feet
CD with Owner's Manual and
Device Files
Quick Start Guide
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com