Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B043DUA8SL Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B043DUA8SL
Description  8-Port 1U Rack-Mount DVI - USB KVM Switch with Audio and 2-port USB Hub
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B043DUA8SL Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B043DUA8SL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B043DUA8SL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8-Port 1U Rack-Mount DVI / USB KVM Switch with
Audio and 2-port USB Hub
MODEL NUMBER: B043-DUA8-SL
Description
Tripp Lite's B043-DUA8-SL, NetController 8-Port, 1U rackmount DVI / USB / Audio KVM Switch is an affordable,
highly-flexible enterprise class KVM Switch. Control up to 8 directly connected computers, or expand the number
of connected computers to up to 64, by cascading up to 8 additional B043-DUA8-SL KVM switches. Switch
between connected computers via pushbuttons or keyboard hot-key commands. Other features include: Audio
Support, 2-Port USB Hub for peripheral sharing among switched computers, and DVI Single Link resolution at
1920x1200. Mounts easily in a standard 19" rack/cabinet and includes all necessary mounting hardware.
Compatible with all major operating systems. Constructed of heavy-duty steel housing.
Order P759 Series cables separately, in 6ft, 10ft, and 15ft lengths.
Features
Directly connect up to 8 computers with DVI, USB, and audio.
Expand the number of connected computers by cascading an additional level of KVM switches.
Supports 2.1 Channel Stereo Audio and microphone.
(x2) USB 2.0 ports for sharing peripherals among connected computers.
USB hub functionality can be unbinded from the KVM, allowing users to access one computer while the USB
hub focus remains on another computer.
Switch between connected computers via pushbuttons or hotkey commands.
DVI-I Single-Link supports digital video resolutions up to 1920 x 1200, and analog video resolutions up to
2048 x 1536.
Auto Scan mode lets users scan connected computers without having to manually switch between them.
Multi-platform support – compatible with all major operating systems.
Plug and play setup – no software installation required.
Supports EDID (Extended Display Identification Data) transmission to connected computers for optimal display performance.
Supports HDMI and VGA monitors with appropriate adapters...see "System Requirements"
Includes mounting hardware for 19” rackmount installations.
Highlights
NetController 8-Port, 1U
rackmount KVM switch
Control 8 computers via a single
DVI monitor and USB
keyboard/mouse
Control up to 64 computers by
cascading up to 8 additional
B043-DUA8-SL KVM switches
Compatible with all major
operating systems
System Requirements
DVI , HDMI*, or VGA** monitor
USB mouse and keyboard
Computer with a DVI or VGA* port
Computer with a USB port
P759-Series DVI-D/USB/Audio
KVM cable kit for each
connected computer
Microphone with a 3.5 mm Male
connector (if using the
microphone feature)
Speakers with a 3.5 mm Male
connector (if using the speaker
feature)
Compatible with all major
operating systems
*Requires DVI to HDMI adapter
**Requires a DVI to VGA adapter
Package Includes
B043-DUA8-SL KVM Switch
External Power Supply (Input:
100-240V, 50/60Hz; Output: 9V,
2A)
Rackmount Hardware
Owner’s Manual
1 / 2


Similar Part No. - B043DUA8SL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B043-DUA8-SL TRIPPLITE-B043-DUA8-SL Datasheet
489Kb / 2P
8-Port 1U Rack-Mount DVI / USB KVM Switch with Audio and 2-port USB Hub
logo
Anaren Microwave
B0430J50100A00 ANAREN-B0430J50100A00 Datasheet
288Kb / 4P
Ultra Low Profile 0805 Balun
B0430J50100AHF ANAREN-B0430J50100AHF Datasheet
159Kb / 4P
Ultra Low Profile 0805 Balun 50 to 100 Balanced
B0430J50100AHF ANAREN-B0430J50100AHF Datasheet
319Kb / 5P
Ultra Low Profile 0805 Balun 50 to 100 Balanced
B0430J50100AHF ANAREN-B0430J50100AHF_14 Datasheet
319Kb / 5P
Ultra Low Profile 0805 Balun 50 to 100 Balanced
More results

Similar Description - B043DUA8SL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B004-DUA2-K-R ETC2-B004-DUA2-K-R Datasheet
507Kb / 5P
2-Port DVI/USB KVM Switch w/ Audio and Cables
logo
Tripp Lite. All Rights ...
B004DUA2KR TRIPPLITE-B004DUA2KR Datasheet
497Kb / 3P
2-Port DVI-USB KVM Switch w- Audio and Cables
logo
Level One
KVM-0260 LVL1-KVM-0260 Datasheet
623Kb / 3P
2-Port Cable KVM Switch, DVI, USB, Audio
KVM-0261 LVL1-KVM-0261 Datasheet
1Mb / 3P
2/4-Port USB DVI KVM Switch with Audio and USB 2.0 Hub
logo
Tripp Lite. All Rights ...
B004-2DUA2-K TRIPPLITE-B004-2DUA2-K Datasheet
497Kb / 4P
2-Port Dual Monitor DVI KVM Switch with Audio and USB 2.0 Hub, Cables included
B043-DUA8-SL TRIPPLITE-B043-DUA8-SL Datasheet
489Kb / 2P
8-Port 1U Rack-Mount DVI / USB KVM Switch with Audio and 2-port USB Hub
B004-DUA2-K-R TRIPPLITE-B004-DUA2-K-R Datasheet
164Kb / 4P
2-Port DVI/USB KVM Switch with Audio and Cables
B024-DPU08 TRIPPLITE-B024-DPU08 Datasheet
162Kb / 4P
8-Port DisplayPort/USB KVM Switch with Audio/Video and USB Peripheral Sharing, 4K 60Hz, 1U Rack-Mount
B024-HU08 TRIPPLITE-B024-HU08 Datasheet
163Kb / 4P
8-Port HDMI/USB KVM Switch with Audio/Video and USB Peripheral Sharing, 1U Rack-Mount
B024-HU16 TRIPPLITE-B024-HU16 Datasheet
164Kb / 4P
16-Port HDMI/USB KVM Switch with Audio/Video and USB Peripheral Sharing, 1U Rack-Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com