Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS23N15D Datasheet(PDF) 5 Page - International Rectifier

Part # IRFS23N15D
Description  Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS23N15D Datasheet(HTML) 5 Page - International Rectifier

  IRFS23N15D Datasheet HTML 1Page - International Rectifier IRFS23N15D Datasheet HTML 2Page - International Rectifier IRFS23N15D Datasheet HTML 3Page - International Rectifier IRFS23N15D Datasheet HTML 4Page - International Rectifier IRFS23N15D Datasheet HTML 5Page - International Rectifier IRFS23N15D Datasheet HTML 6Page - International Rectifier IRFS23N15D Datasheet HTML 7Page - International Rectifier IRFS23N15D Datasheet HTML 8Page - International Rectifier IRFS23N15D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRFB/IRFS/IRFSL23N15D
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
175
0
5
10
15
20
25
T , Case Temperature ( C)
°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com