Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8101 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS8101
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8101 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS8101 Datasheet HTML 1Page - Renesas Technology Corp PS8101 Datasheet HTML 2Page - Renesas Technology Corp PS8101 Datasheet HTML 3Page - Renesas Technology Corp PS8101 Datasheet HTML 4Page - Renesas Technology Corp PS8101 Datasheet HTML 5Page - Renesas Technology Corp PS8101 Datasheet HTML 6Page - Renesas Technology Corp PS8101 Datasheet HTML 7Page - Renesas Technology Corp PS8101 Datasheet HTML 8Page - Renesas Technology Corp PS8101 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet PN10260EJ06V0DS
2
PS8101
PACKAGE DIMENSIONS (UNIT: mm)
1.27
0.4
+0.10
–0.05
0.25 M
4.4
7.0±0.3
0.5±0.3
3.4
+0.3
–0.1
53
12
4
MARKING EXAMPLE
No. 1 pin Mark
Initial of NEC
(Engraved mark)
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N
9
31
8101
N931
N
*1
*1
Bar : Pb-Free
Type Number
Assembly Lot
No. 1 pin Mark
Initial of NEC
(Engraved mark)
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N
9
31
8101
N931
N
*1
*1
Bar : Pb-Free
Type Number
Assembly Lot
SnBi PLATING
Ni/Pd/Au PLATING
PHOTOCOUPLER CONSTRUCTION
Parameter
PS8101
Air Distance (MIN.)
4.2 mm
Outer Creepage Distance (MIN.)
4.2 mm
Isolation Distance (MIN.)
0.2 mm
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com