Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS33N15D Datasheet(PDF) 8 Page - International Rectifier

Part # IRFS33N15D
Description  Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS33N15D Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFS33N15D Datasheet HTML 3Page - International Rectifier IRFS33N15D Datasheet HTML 4Page - International Rectifier IRFS33N15D Datasheet HTML 5Page - International Rectifier IRFS33N15D Datasheet HTML 6Page - International Rectifier IRFS33N15D Datasheet HTML 7Page - International Rectifier IRFS33N15D Datasheet HTML 8Page - International Rectifier IRFS33N15D Datasheet HTML 9Page - International Rectifier IRFS33N15D Datasheet HTML 10Page - International Rectifier IRFS33N15D Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRFB/IRFS/IRFSL33N15D
8
www.irf.com
L E AD AS S IG N M E NT S
1 - G A T E
2 - D R A IN
3 - S O U R C E
4 - D R A IN
- B -
1.3 2 (.05 2)
1.2 2 (.04 8)
3X
0.55 (.02 2)
0.46 (.01 8)
2.9 2 ( .115 )
2.6 4 ( .104 )
4 .69 ( .18 5)
4 .20 ( .16 5)
3X
0.93 ( .0 37)
0.69 ( .0 27)
4.06 ( .160)
3.55 ( .140)
1.15 (.04 5)
M IN
6.47 (.25 5 )
6.10 (.24 0 )
3.78 ( .149)
3.54 ( .139)
- A -
10.54 ( .415 )
10.29 ( .405 )
2.87 ( .1 13)
2.62 ( .1 03)
15 .2 4 (.60 0)
14 .8 4 (.58 4)
1 4 .09 ( .5 55)
1 3 .47 ( .5 30)
3X
1 .40 ( .05 5)
1 .15 ( .04 5)
2 .54 (.10 0)
2X
0 .3 6 ( .0 1 4 )
M
B
A
M
4
1
2
3
NO T E S :
1 D IM E N S IO N IN G & TO LE R A N C IN G P E R A N S I Y 1 4 .5 M , 1 982.
3 O U TL IN E C O N F O R M S TO J E D E C O U T L IN E T O -2 20A B .
2 C O N T R O L L IN G D IM E N S IO N : IN C H
4 H E A T S IN K & L E A D M E A S U R E M E N T S D O N O T IN C L UD E B URR S.
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
P A RT NU M B E R
IN T E R N A T IO N A L
RE CT IF IE R
L O G O
E XAM PL E : T H IS IS A N IR F 1010
W IT H A S S E M B L Y
L O T C O D E 9 B 1 M
ASS EM BL Y
L O T
C O D E
D A T E CO DE
(Y Y WW)
YY = YEA R
W W = W E E K
9246
IR F 1010
9B
1M
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com