Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9552 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS9552
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9552 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS9552 Datasheet HTML 1Page - Renesas Technology Corp PS9552 Datasheet HTML 2Page - Renesas Technology Corp PS9552 Datasheet HTML 3Page - Renesas Technology Corp PS9552 Datasheet HTML 4Page - Renesas Technology Corp PS9552 Datasheet HTML 5Page - Renesas Technology Corp PS9552 Datasheet HTML 6Page - Renesas Technology Corp PS9552 Datasheet HTML 7Page - Renesas Technology Corp PS9552 Datasheet HTML 8Page - Renesas Technology Corp PS9552 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS9552,PS9552L1,PS9552L2,PS9552L3
2.5 A OUTPUT CURRENT, HIGH CMR
IGBT GATE DRIVE PHOTOCOUPLER
8-PIN DIP PHOTOCOUPLER
−NEPOC Series−
Document No. PN10589EJ07V0DS (7th edition)
Date Published September 2009 NS
Printed in Japan
2006, 2009
PIN CONNECTION
(Top View)
1. NC
2. Anode
3. Cathode
4. NC
5. VEE
6. VO
7. VO
8. VCC
12
3
4
8765
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The PS9552, PS9552L1, PS9552L2 and PS9552L3 are optically coupled isolators containing a GaAlAs LED on the
input side and a photo diode, a signal processing circuit and a power output transistor on the output side on one chip.
The PS9552 Series is designed specifically for high common mode transient immunity (CMR), high output current
and high switching speed.
The PS9552 Series is suitable for driving IGBTs and MOS FETs.
The PS9552 Series is in a plastic DIP (Dual In-line Package).
The PS9552L1 is lead bending type for long creepage distance.
The PS9552L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
The PS9552L3 is lead bending type (Gull-wing) for surface mounting.
FEATURES
• Long creepage distance (8 mm MIN.: PS9552L1, PS9552L2)
• Large peak output current (2.5 A MAX., 2.0 A MIN.)
• High speed switching (tPLH
, tPHL = 0.5
μs MAX.)
• UVLO (Under Voltage Lock Out) protection with hysteresis
• High common mode transient immunity (CMH, CML =
±25 kV/
μs MIN.)
• Ordering number of tape product: PS9552L2-E3: 1 000 pcs/reel
: PS9552L3-E3: 1 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• BSI approved: No. 8937, 8938
• SEMKO approved: No. 615433
• NEMKO approved: No. P06207243
• DEMKO approved: No. 314091
• FIMKO approved: No. FI 22827
• DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40019182 (Option)
APPLICATIONS
• IGBT, Power MOS FET Gate Driver
• Industrial inverter
• IH (Induction Heating)
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com