Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16641 Datasheet(PDF) 13 Page - NEC

Part # UPD16641
Description  SOURCE DRIVER FOR 240-OUTPUT TFT-LCD 64 GRAY SCALES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16641 Datasheet(HTML) 13 Page - NEC

Back Button UPD16641 Datasheet HTML 9Page - NEC UPD16641 Datasheet HTML 10Page - NEC UPD16641 Datasheet HTML 11Page - NEC UPD16641 Datasheet HTML 12Page - NEC UPD16641 Datasheet HTML 13Page - NEC UPD16641 Datasheet HTML 14Page - NEC UPD16641 Datasheet HTML 15Page - NEC UPD16641 Datasheet HTML 16Page - NEC UPD16641 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
µµµµPD16641
7. SWITCHING CHARACTERISTIC WAVEFORM (R/L = H)
Unless otherwise specified, the input level is VIH = 0.7 VDD1, VIL = 0.3 VDD1.
CLK
VDD1
VSS1
DXX
VDD1
VSS1
STHR
(STHL)
VDD1
VSS1
STHL
(STHR)
VDD1
VSS1
STB
VDD1
VSS1
tHOLD1
tSETUP1
Sn
Sn
PWCLK
PWCLK (H)
PWCLK (L)
tf
tr
90 %
10 %
90 %
10 %
tHOLD2
tSPL
tSETUP2
tHOLD2
tSETUP3
tSPR1/2
tPLH1
tPHL1
VIH
tPHL31/32
tPHL21/22
tPHL31/32
tPHL21/22
Targeted output voltage ± 0.1VDD2
Targeted output voltage ± 0.1VDD2
Targeted output voltage (6-bit accuracy)
The figures in parenthesis indicate
R/L = L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com