Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS751DS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS751DS
Description  Plastic-Encapsulate Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS751DS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS751DS_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS751DS_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS751DS
30 mA, 40 V
Plastic-Encapsulate Schottky Diodes
10-Nov-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Silicon epitaxial planar
FEATURES
Small surface mounting type
Low reverse current and low forward voltage
High reliability
APPLICATION
High speed switching For Detection
For portable equipment: (i.e. Mobile phone, MP3, MD, CD-ROM,
DVD-ROM, Note book PC, etc)
MARKING :
Cathode -
5
+Anode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS at TA = 25°C
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Reverse Voltage
VRM
40
V
DC Reverse Voltage
VR
30
V
Mean Rectifying Current
Io
30
mA
Peak Forward Surge Current
IFSM
150
mA
Junction, Storage Temperature
TJ, TSTG
+125, -40 ~ +125
°C
ELECTRICAL RATING at TA = 25°C
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Forward Voltage
VF
0.37
V
IF = 1mA
Reverse Current
IR
0.5
µ
A
VR = 30V
Capacitance between terminals
CT
2
pF
VR = 30V, f = 1MHZ
DFNWB
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.55
0.65
E
0.15
0.35
B
0.95
1.05-
F
0.05REF
C
0.4
0.5
G
0.4
0.6
D
0
0.05
H
0.65TYP


Similar Part No. - SCS751DS_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS751DS SECOS-SCS751DS Datasheet
98Kb / 2P
30 mA, 40 V Plastic-Encapsulate Schottky Diodes
More results

Similar Description - SCS751DS_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAS70WS SECOS-BAS70WS Datasheet
157Kb / 2P
Schottky Diodes Plastic-Encapsulate Diodes
SD101AW SECOS-SD101AW Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
SD107WS SECOS-SD107WS Datasheet
121Kb / 2P
Plastic-Encapsulate Schottky Diodes
logo
WILLAS ELECTRONIC CORP
BAT42WS WILLAS-BAT42WS Datasheet
160Kb / 3P
SOD-323 Plastic-Encapsulate Diodes (SCHOTTKY DIODES)
logo
SeCoS Halbleitertechnol...
SD101XW SECOS-SD101XW Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
SD101XW SECOS-SD101XW_15 Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
SD107WS SECOS-SD107WS_15 Datasheet
121Kb / 2P
Plastic-Encapsulate Schottky Diodes
logo
WILLAS ELECTRONIC CORP
BAS40W WILLAS-BAS40W Datasheet
563Kb / 5P
150mW Plastic-Encapsulate Schottky Barrier Diodes
BAS70W WILLAS-BAS70W Datasheet
716Kb / 6P
Plastic-Encapsulate Schottky Barrier Diodes
BAS70WS WILLAS-BAS70WS Datasheet
785Kb / 6P
Plastic-Encapsulate Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com