Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD03 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SD03
Description  300W Transient Voltage Suppressors Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD03 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SD03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SD03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
SD03
VOLTAGE: 3.3V
300W Transient Voltage Suppressors Diode
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Clamping Voltage vs. Peak Pulse Current
Pulse Waveform
0
5
10
15
20
25
30
0
5
10
15
20
25
30
Peak Pulse Current - IPP (A)
Waveform
Parameters
tr = 8µs
td = 20µs
Forward Voltage vs. Forward Current
Capacitance vs. Reverse Voltage
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e
-t
td = IPP/2
Waveform
Parameters
tr = 8µs
td = 20µs
0
50
100
150
200
250
300
350
02
46
8
10
12
14
Reverse Voltage - VR (V)
f =
1MHz
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
0
5
10
15
20
25
30
35
40
45
Forward Current - IF (A)
Waveform
Parameters:
tr = 8µs
td = 10µs
Page 3 of 3
24-Aug-2007 Rev. B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com