Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F213G4CNNP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F213G4CNNP
Description  RENESAS MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G4CNNP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F213G4CNNP Datasheet HTML 45Page - Renesas Technology Corp R5F213G4CNNP Datasheet HTML 46Page - Renesas Technology Corp R5F213G4CNNP Datasheet HTML 47Page - Renesas Technology Corp R5F213G4CNNP Datasheet HTML 48Page - Renesas Technology Corp R5F213G4CNNP Datasheet HTML 49Page - Renesas Technology Corp R5F213G4CNNP Datasheet HTML 50Page - Renesas Technology Corp R5F213G4CNNP Datasheet HTML 51Page - Renesas Technology Corp R5F213G4CNNP Datasheet HTML 52Page - Renesas Technology Corp R5F213G4CNNP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
R8C/3GC Group
5. Electrical Characteristics
R01DS0036EJ0100 Rev.1.00
Page 49 of 56
Oct 19, 2010
Timing Requirements
(Unless Otherwise Specified: VCC = 3 V, VSS = 0 V at Topr = 25
°C)
Figure 5.12
External Clock Input Timing Diagram when VCC = 3 V
Figure 5.13
TRAIO Input Timing Diagram when VCC = 3 V
Table 5.26
External Clock Input (XOUT, XCIN)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(XOUT)
XOUT input cycle time
50
−
ns
tWH(XOUT)
XOUT input “H” width
24
−
ns
tWL(XOUT)
XOUT input “L” width
24
−
ns
tc(XCIN)
XCIN input cycle time
14
−µs
tWH(XCIN)
XCIN input “H” width
7
−µs
tWL(XCIN)
XCIN input “L” width
7
−µs
Table 5.27
TRAIO Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRAIO)
TRAIO input cycle time
300
−
ns
tWH(TRAIO)
TRAIO input “H” width
120
−
ns
tWL(TRAIO)
TRAIO input “L” width
120
−
ns
VCC = 3 V
External Clock Input
tWH(XOUT),
tWH(XCIN)
tC(XOUT), tC(XCIN)
tWL(XOUT), tWL(XCIN)
TRAIO input
VCC = 3 V
tC(TRAIO)
tWL(TRAIO)
tWH(TRAIO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com