Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F213G2CDSP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F213G2CDSP
Description  RENESAS MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G2CDSP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F213G2CDSP Datasheet HTML 17Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 18Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 19Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 20Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 21Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 22Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 23Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 24Page - Renesas Technology Corp R5F213G2CDSP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
R8C/3GC Group
4. Special Function Registers (SFRs)
R01DS0036EJ0100 Rev.1.00
Page 21 of 56
Oct 19, 2010
Table 4.6
SFR Information (6) (1)
X: Undefined
Note:
1.
The blank areas are reserved and cannot be accessed by users.
Address
Register
Symbol
After Reset
0140h
0141h
0142h
0143h
0144h
0145h
0146h
0147h
0148h
0149h
014Ah
014Bh
014Ch
014Dh
014Eh
014Fh
0150h
0151h
0152h
0153h
0154h
0155h
0156h
0157h
0158h
0159h
015Ah
015Bh
015Ch
015Dh
015Eh
015Fh
0160h
0161h
0162h
0163h
0164h
0165h
0166h
0167h
0168h
0169h
016Ah
016Bh
016Ch
016Dh
016Eh
016Fh
0170h
0171h
0172h
0173h
0174h
0175h
0176h
0177h
0178h
0179h
017Ah
017Bh
017Ch
017Dh
017Eh
017Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com