Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2136CCDFP Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # R5F2136CCDFP
Description  RENESAS MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CCDFP Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R5F2136CCDFP Datasheet HTML 54Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 55Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 56Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 57Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 58Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 59Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 60Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 61Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 62Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
R8C/36C Group
Package Dimensions
R01DS0018EJ0110 Rev.1.10
Page 59 of 59
Nov 02, 2010
S
S
y
F
xM
*3
e
bp
Detail F
L
L1
NOTE)
1. DIMENSIONS"
*1"AND"*2"
DO NOT INCLUDE MOLD FLASH
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
Terminal cross section
bp
b1
1.00
1.20
1.00
0°
8°
0.40
0.12
0.17
0.22
0.15
0.16
0.13
0.18
0.23
8.8
9.0
9.2
6.9
7.0
7.1
6.9
7.0
7.1
0.50
9.2
9.0
8.8
0.10
0.08
0.07
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
e
HE
L
A1
D
E
A2
HD
A
bp
b1
c
x
y
ZD
ZE
L1
c1
θ
0.05
0.15
0.50
0.50
0.35
0.65
Previous Code
JEITA Package Code
RENESAS Code
PTQP0064LB-A
MASS[Typ.]
0.14g
P-TQFP64-7x7-0.40
1
64
17
16
49
48
33
32
*1 D
HD
ZD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com