Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFBC40 Datasheet(PDF) 8 Page - International Rectifier

Part # IRFBC40
Description  Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBC40 Datasheet(HTML) 8 Page - International Rectifier

  IRFBC40 Datasheet HTML 1Page - International Rectifier IRFBC40 Datasheet HTML 2Page - International Rectifier IRFBC40 Datasheet HTML 3Page - International Rectifier IRFBC40 Datasheet HTML 4Page - International Rectifier IRFBC40 Datasheet HTML 5Page - International Rectifier IRFBC40 Datasheet HTML 6Page - International Rectifier IRFBC40 Datasheet HTML 7Page - International Rectifier IRFBC40 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFBC40A
8
www.irf.com
L E A D AS SIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O URCE
4 - D R A IN
- B -
1.32 (.052 )
1.22 (.048 )
3X
0.55 (.022 )
0.46 (.018 )
2.9 2 ( .115 )
2.6 4 ( .104 )
4.69 ( .185 )
4.20 ( .165 )
3X
0.93 ( .0 3 7 )
0.69 ( .0 2 7 )
4.0 6 ( .160 )
3.5 5 ( .140 )
1.15 (.045 )
M IN
6.4 7 ( .2 5 5 )
6.1 0 ( .2 4 0 )
3.78 ( .149 )
3.54 ( .139 )
- A -
10.54 ( .415 )
10.29 ( .405 )
2 .87 ( .113 )
2 .62 ( .103 )
15 .2 4 ( .6 0 0 )
14 .8 4 ( .5 8 4 )
14.09 ( .5 5 5 )
13.47 ( .5 3 0 )
3X
1.40 (.055 )
1.15 (.045 )
2 .54 (.100 )
2X
0.36 ( .0 1 4 )
M
B
A
M
4
1
2
3
NO T E S :
1 D IM E NS IO NING & T O L E RA NCING P E R A N S I Y 1 4 .5 M , 1 9 8 2 .
3 O U T L IN E CO NF O R M S T O J E DE C O U T L IN E T O -2 2 0 A B .
2 C O N T RO L L ING D IM E N S IO N : INCH
4 HE A T S IN K & L E A D M E A S URE M E NT S DO N O T IN C L UDE B URRS .
PAR T N U M BER
IN T E R N A T IO N A L
R E C T IF IE R
L O G O
E XAM P L E : T H IS IS AN IR F 1010
W IT H A S S E M B L Y
L O T C O D E 9 B 1 M
A S S E M B L Y
L O T
C O D E
DA T E CO DE
(Y Y WW)
YY = YE AR
WW = W E E K
924 6
IR F 1 0 1 0
9 B
1 M
A
Part Marking Information
Package Outline
TO-220AB Outline
Dimensions are shown in millimeters (inches)
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
http://www.irf.com/
Data and specifications subject to change without notice. 6/99
TO-220AB
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 6.2A, di/dt ≤ 80A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting T
J = 25°C, L =29.6mH
RG = 25Ω, IAS = 6.2A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com