Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFBC40L Datasheet(PDF) 1 Page - International Rectifier

Part # IRFBC40L
Description  Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBC40L Datasheet(HTML) 1 Page - International Rectifier

  IRFBC40L Datasheet HTML 1Page - International Rectifier IRFBC40L Datasheet HTML 2Page - International Rectifier IRFBC40L Datasheet HTML 3Page - International Rectifier IRFBC40L Datasheet HTML 4Page - International Rectifier IRFBC40L Datasheet HTML 5Page - International Rectifier IRFBC40L Datasheet HTML 6Page - International Rectifier IRFBC40L Datasheet HTML 7Page - International Rectifier IRFBC40L Datasheet HTML 8Page - International Rectifier IRFBC40L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFBC40S/L
HEXFET® Power MOSFET
PD - 91016A
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.0
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
…
6.2
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
…
3.9
A
IDM
Pulsed Drain Current
…
25
PD @TA = 25°C
Power Dissipation
3.1
W
PD @TC = 25°C
Power Dissipation
130
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
570
mJ
IAR
Avalanche Current

6.2
A
EAR
Repetitive Avalanche Energy

13
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
3.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
VDSS = 600V
RDS(on) = 1.2Ω
ID = 6.2A
2
D
P a k
T O - 262
S
D
G
9/27/01
l Surface Mount (IRFBC40S)
l Low-profile through-hole (IRFBC40L)
l Available in Tape & Reel (IRFBC40S)
l Dynamic dv/dt Rating
l 150°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Third generation HEXFETs from international Rectifier provide the designer with the
best combination of fast switching, ruggedized device design, low on-resistance and
cost-effectiveness.
The D2Pak is a surface mount power package capable ofthe accommodatingdie sizes
up to HEX-4. It provides the highest power capability and the lowest possible on-
resistance in any existing surface mount package. The D2Pak is suitable for high
current applications because of its low internal connection resistance and can
dissipate up to 2.0W in a typical surface mount application. The through-hole version
(IRFBC40L) is available for low-profile applications.
Description


Similar Part No. - IRFBC40L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBC40L VISHAY-IRFBC40L Datasheet
984Kb / 8P
Power MOSFET
23-Jun-08
logo
Inchange Semiconductor ...
IRFBC40L ISC-IRFBC40L Datasheet
366Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFBC40L VISHAY-IRFBC40L Datasheet
328Kb / 11P
Power MOSFET
30-May-11
logo
International Rectifier
IRFBC40LC IRF-IRFBC40LC Datasheet
176Kb / 8P
HEXFET-R POWER MOSFET
logo
Vishay Siliconix
IRFBC40LC VISHAY-IRFBC40LC Datasheet
148Kb / 8P
Power MOSFET
28-Jul-08
More results

Similar Description - IRFBC40L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9510 IRF-IRF9510 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRFBC40A IRF-IRFBC40A Datasheet
97Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40AS IRF-IRFBC40AS Datasheet
111Kb / 9P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFD9110 IRF-IRFD9110 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A)
IRFIBC40G IRF-IRFIBC40G Datasheet
170Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
IRFBC40PBF IRF-IRFBC40PBF Datasheet
3Mb / 7P
HEXFET POWER MOSFET (VDSS=600V , RDS(on)=1.2Ohm , ID=6.2A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com