Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THCS133 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THCS133
Description  No External Clock Required.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS133 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THCS133 Datasheet HTML 1Page - THine Electronics, Inc. THCS133 Datasheet HTML 2Page - THine Electronics, Inc. THCS133 Datasheet HTML 3Page - THine Electronics, Inc. THCS133 Datasheet HTML 4Page - THine Electronics, Inc. THCS133 Datasheet HTML 5Page - THine Electronics, Inc. THCS133 Datasheet HTML 6Page - THine Electronics, Inc. THCS133 Datasheet HTML 7Page - THine Electronics, Inc. THCS133 Datasheet HTML 8Page - THine Electronics, Inc. THCS133 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
THCS133_Rev.1.00_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
1/10
THCS133
I/OSpreader
General Description
The THCS133 provides a function to serialize
multiple parallel signals into single-ended serial
line at least or to deserialize the data stream over
single-ended serial line or single differential pair
into multiple parallel signals.
This small number of transmission line simplifies
system configuration and reduces system cost
including cable width, connector size and pins
and PCB layout area.
The THCS133 is offered in 8bit parallel IOs as
host MPU interface.
It can transfer 8bit independent parallel signals to
remote side by only 1-line or 1-pair cable.
Transmitter or receiver function can be selected
by pin.
Features
- No External Clock Required.
-8bit Parallel IOs to MPU.
- Single-ended/Differential Mode (noise tolerant)
Selectable
- AC Coupling Supported with Differential Mode
- Transmission Status Error Indicator Supported
(Line Cut Detection and Packet Error
Detection)
- Digital Filter Function
- Power supply : 3.0 to 5.5V
- DIP 20-pin Package
- EU RoHS Compliant
Block Diagram
I/O
OSC
SER
DES
IOP
ION
FAULTN
(Error flag output)
RSTN
(Reset input)
RXEN
CTL0
CTL1
(Serial I/O)
(Tx/Rx select)
(I/O control)
FILT (Digital filter select)
SIG
(Single-ended / differential select)
DATA<7:0>
(Parallel I/O)
Internal Condition : Pull-down
THCS133


Similar Part No. - THCS133

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS133 THINE-THCS133_15 Datasheet
496Kb / 11P
I/OSpreader
More results

Similar Description - THCS133

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2305 IDT-IDT2305_09 Datasheet
186Kb / 12P
3.3V ZERO DELAY CLOCK BUFFER No external RC network required
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
No External Clock Required
logo
Texas Instruments
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
No External Components Required
logo
Hexawave, Inc
HWS532 HW-HWS532 Datasheet
68Kb / 4P
No external DC blocking capacitors required
HWS537 HW-HWS537 Datasheet
54Kb / 3P
No external DC blocking capacitors required
HWS540 HW-HWS540 Datasheet
52Kb / 3P
No external DC blocking capacitors required
HWS546 HW-HWS546 Datasheet
52Kb / 3P
No external DC blocking capacitors required
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
No external matching required
Rev. 0
logo
Maxim Integrated Produc...
MAX1951EVKIT MAXIM-MAX1951EVKIT Datasheet
102Kb / 3P
No External Schottky Diode Required
Rev 0; 12/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com