Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEF112B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF112B
Description  1.0 A High Voltage Ultrafast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF112B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF112B_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF112B_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SEF112B
VOLTAGE 1200 V
1.0 A High Voltage Ultrafast Rectifier
01-June-2002 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
DO-214AA (SMB)
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.096(2.44)
.083(2.13)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.
Dimens ions in inche
s and (millimeters )
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Revise Current
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
TYPE NUMBER
SYMBOL
SEF112B
UNITS
Repetitive Peak reverse voltage
RMS Voltage
VRRM
VRMS
1200
850
V
Average Forward Current @TJ=25°C
IF(AV)
1
A
Peak Forward Current @ 8.3 ms, single half sine wave
IFSM
25
A
Maximum Instantaneous Forward Voltage
VF @ IF = 1.0 A, TA = 25°C
VF @ IF = 1.0 A, TA = 125°C
VF
1.9 ( Typ. 1.6 )
1.6 ( Typ. 1.2 )
V
Maximum Reverse Current
At VR=1200 V
@ TJ = 25°C
At VR=1200V
@ TJ = 125°C
IR
5
50
μA
Typical Junction Capacitance (Note 1)
CJ
4.5
pF
Typical Thermal Resistance (Note 2)
RθJA
80
°C/W
Reverse recovery time IF = 0.5 A, IRR= 0.25 A, IR =1A
TRR
75 ( Typ. 60 )
nS
Operating Temperature Range
TJ
-50 ~ + 175
°C
Storage temperature
TSTG
-65 ~ + 175
°C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0 V D.C.
2. Thermal Resistance Junction to Ambient. Printed circuit board FR4 copper pad 1×1cm, 35um thickness


Similar Part No. - SEF112B_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF112B SECOS-SEF112B Datasheet
233Kb / 2P
1.0 A High Voltage Ultrafast Rectif
More results

Similar Description - SEF112B_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
HIGH VOLTAGE ULTRAFAST RECTIFIER
Jan-2003
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
High voltage ultrafast rectifier
20-Mar-2007
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
High voltage ultrafast rectifier
03-Apr-2007
logo
Vishay Siliconix
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
High Voltage Ultrafast Rectifier
12-Nov-07
logo
SeCoS Halbleitertechnol...
SEF112B SECOS-SEF112B Datasheet
233Kb / 2P
1.0 A High Voltage Ultrafast Rectif
logo
Vishay Siliconix
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
High Voltage Ultrafast Rectifier
25-Aug-08
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
High Voltage Ultrafast Rectifier
07-Dec-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
High Voltage Ultrafast Rectifier
13-May-08
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
Ultrafast high voltage rectifier
May 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com