Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16654 Datasheet(PDF) 1 Page - NEC

Part # UPD16654
Description  150/154 OUTPUT TFT-LCD GATE DRIVE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16654 Datasheet(HTML) 1 Page - NEC

  UPD16654 Datasheet HTML 1Page - NEC UPD16654 Datasheet HTML 2Page - NEC UPD16654 Datasheet HTML 3Page - NEC UPD16654 Datasheet HTML 4Page - NEC UPD16654 Datasheet HTML 5Page - NEC UPD16654 Datasheet HTML 6Page - NEC UPD16654 Datasheet HTML 7Page - NEC UPD16654 Datasheet HTML 8Page - NEC UPD16654 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MOS INTEGRATED CIRCUIT
µµµµPD16654
150/154 OUTPUT TFT-LCD GATE DRIVE
1998
©
Document No. S11647EJ1V0DS00 (1st edition)
Date Published May 1998 N CP(K)
Printed in Japan
DATA SHEET
The
µPD16654 is a TFT-LCD gate driver. Because this gate driver has a level shift circuit for logic input, it can
output a high gate scanning voltage in response to a CMOS-level input.
Moreover, it can also drive both the XGA/SXGA panel (154 outputs) and SVGA panel (150 outputs) by changing
the number of outputs over between 150 and 154.
FEATURES
•
High breakdown voltage output (ON/OFF range: VDD2-VEE2 = 40 V MAX.)
•
3.3 V CMOS level input
•
Number of output select function (150/154 outputs)
ORDERING INFORMATION
Part Number
Package
µPD16654N-×××
TCP (TAB package)
The TCP’s external shape is customized. To order your TCP’s external shape, please contact an NEC salesperson.


Similar Part No. - UPD16654

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16654 RENESAS-UPD16654 Datasheet
199Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD16654N-XXX RENESAS-UPD16654N-XXX Datasheet
199Kb / 18P
MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16654

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
240-OUTPUT TFT-LCD GATE DRIVER
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
256-OUTPUT TFT-LCD GATE DRIVER
UPD16704 NEC-UPD16704 Datasheet
78Kb / 14P
240-OUTPUT TFT-LCD GATE DRIVER
UPD161641 NEC-UPD161641 Datasheet
135Kb / 15P
240-OUTPUT TFT-LCD GATE DRIVER
UPD161643 NEC-UPD161643 Datasheet
93Kb / 15P
176-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16654 RENESAS-PD16654_15 Datasheet
200Kb / 18P
150/154 OUTPUT TFT-LCD GATE DRIVE
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
240-OUTPUT TFT-LCD GATE DRIVER
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
256-OUTPUT TFT-LCD GATE DRIVER
PD16708 RENESAS-PD16708_15 Datasheet
227Kb / 18P
300-OUTPUT TFT-LCD GATE DRIVER
PD161643 RENESAS-PD161643_15 Datasheet
228Kb / 18P
176-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com