Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFD9014 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFD9014
Description  Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFD9014 Datasheet(HTML) 1 Page - International Rectifier

  IRFD9014 Datasheet HTML 1Page - International Rectifier IRFD9014 Datasheet HTML 2Page - International Rectifier IRFD9014 Datasheet HTML 3Page - International Rectifier IRFD9014 Datasheet HTML 4Page - International Rectifier IRFD9014 Datasheet HTML 5Page - International Rectifier IRFD9014 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFD9014

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFD9014 VISHAY-IRFD9014 Datasheet
839Kb / 8P
Power MOSFET
13-Jun-08
IRFD9014 VISHAY-IRFD9014 Datasheet
858Kb / 9P
Power MOSFET
30-Aug-2021
IRFD9014 VISHAY-IRFD9014 Datasheet
831Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRFD9014PBF IRF-IRFD9014PBF Datasheet
1Mb / 8P
HEXFET짰 POWER MOSFET
logo
Vishay Siliconix
IRFD9014PBF VISHAY-IRFD9014PBF Datasheet
839Kb / 8P
Power MOSFET
13-Jun-08
More results

Similar Description - IRFD9014

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9640S IRF-IRF9640S Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9Z14 IRF-IRF9Z14 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)
IRF9Z14S IRF-IRF9Z14S Datasheet
361Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A)
IRFI9640G IRF-IRFI9640G Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFL9110 IRF-IRFL9110 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-1.1A)
IRFP9240 IRF-IRFP9240 Datasheet
166Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-12A)
IRFR9014 IRF-IRFR9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com