| Electronic Components Datasheet Search |
|
R5F2138ASNFP Datasheet(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2138ASNFP Datasheet(HTML) 18 Page - Renesas Technology Corp |
|
18 / 63 page ![]() R8C/38T-A Group 3. Address Space R01DS0081EJ0100 Rev.1.00 Page 18 of 60 Dec 09, 2011 3. Address Space 3.1 Memory Map Figure 3.1 shows the Memory Map. The R8C/38T-A Group has a 1-Mbyte address space from addresses 00000h to FFFFFh. Up to 32 Kbytes of the internal ROM (program ROM) is allocated at lower addresses, beginning with address 0FFFFh. The area in excess of 32 Kbytes is allocated at higher addresses, beginning with address 10000h. For example, a 64-Kbyte internal ROM is allocated at addresses 08000h to 17FFFh. The fixed interrupt vector table is allocated at addresses 0FFDCh to 0FFFFh. The start address of each interrupt routine is stored here. The internal ROM (data flash) is allocated at addresses 07000h to 07FFFh. The internal RAM is allocated at higher addresses, beginning with address 00400h. For example, a 6-Kbyte internal RAM is allocated at addresses 00400h to 01BFFh. The internal RAM is used not only for data storage but also as a stack area when a subroutine is called or when an interrupt request is acknowledged. Special function registers (SFRs) are allocated at addresses 00000h to 02FFFh and addresses 06800h to 06FFFh. Peripheral function control registers are allocated here. All unallocated locations within the SFRs are reserved and cannot be accessed by users. Figure 3.1 Memory Map 0XXXXh 00000h Internal ROM (program ROM) Internal RAM SFR Internal ROM (data flash) (1) 002FFh 00400h 07000h 07FFFh 0YYYYh 0FFFFh FFFFFh Watchdog timer, oscillation stop detection, voltage monitor Undefined instruction Overflow BRK instruction Address match Single-step Address break (Reserved) Reset 0FFFFh 0FFDCh Internal ROM (program ROM) ZZZZZh 06FFFh 06800h SFR (2) Notes: 1. Data flash indicates block A (1 Kbyte), block B (1 Kbyte), block C (1 Kbyte), and block D (1 Kbyte). 2. Addresses 06800h to 06FFFh are used for the ELC, DTC, and TSCU SFR areas. 3. The blank areas are reserved. No access is allowed. Part Number Capacity Address 0YYYYh Internal ROM Address 0XXXXh Capacity Internal RAM Address ZZZZZh 64 Kbytes 96 Kbytes 128 Kbytes 08000h 08000h 08000h 17FFFh 1FFFFh 27FFFh 01BFFh 023FFh 02BFFh 6 Kbytes 8 Kbytes 10 Kbytes R5F21388SNFP, R5F21388SDFP R5F21388SNFP, R5F21388SDFP R5F21388SNFP, R5F21388SDFP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |