Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P500025 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P500025
Description  VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 25-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P500025 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P500025 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P500025 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VGA Coax Monitor Extension Cable, High
Resolution Cable with RGB Coax (HD15 M/F), 25-ft.
MODEL NUMBER: P500-025
Description
Tripp Lite's 25 foot XVGA/SVGA/VGA monitor extension cable is the gold standard in video cables. The mini-coax (RGB) and paired video wire construction
delivers superior signal quality. Gold plated connectors and gold plated copper contacts ensure excellent conductivity. Double shielding (foil and braid)
provides maximum EMI/RFI protection. Both the high density DB15 male and high density DB15 female connectors are molded and have integral strain relief
to ensure they last a long time.
Features
Superior molded cables with foil and braid shielding for maximum EMI/RFI protection
Constructed from mini-coax (RGB) and paired video wire construction for superior signal quality
Up to 2048 x 1536 resolution support
Gold plated connectors and gold plated copper contacts ensure excellent conductivity
HD15 male to HD15 female molded connectors
Specifications
OVERVIEW
Chromebook Compatible
No
Style
Monitor Cables
Display Style
Cable
Model Type
VGA
Cable Types
MONITOR
INPUT
Highlights
Superior molded cables with foil
and braid shielding for maximum
EMI/RFI protection
Constructed from mini-coax
(RGB) and paired video wire
construction for superior signal
quality
Gold plated connectors and gold
plated copper contacts
System Requirements
Monitor with HD15 cable
Package Includes
25-ft. XVGA/SVGA/VGA Monitor
Extension Cable HD15M to
HD15F
1 / 2


Similar Part No. - P500025

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P500006 TRIPPLITE-P500006 Datasheet
473Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 6-ft
P500010 TRIPPLITE-P500010 Datasheet
471Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 10-ft
logo
celduc-relais
P5000309 CELDUC-P5000309 Datasheet
890Kb / 6P
AUTONOMOUS Safety Sensor
logo
Tripp Lite. All Rights ...
P500050 TRIPPLITE-P500050 Datasheet
473Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 50-ft
P500075 TRIPPLITE-P500075 Datasheet
470Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 75-ft
More results

Similar Description - P500025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P500-100 ETC2-P500-100 Datasheet
474Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution cable with RGB coax (HD15 M/F), 100-ft.
logo
Tripp Lite. All Rights ...
P500-010 TRIPPLITE-P500-010 Datasheet
480Kb / 4P
VGA Coax Monitor Extension Cable, High Resolution cable with RGB coax (HD15 M/F)
P500006 TRIPPLITE-P500006 Datasheet
473Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 6-ft
P500010 TRIPPLITE-P500010 Datasheet
471Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 10-ft
P500050 TRIPPLITE-P500050 Datasheet
473Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 50-ft
P500075 TRIPPLITE-P500075 Datasheet
470Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 75-ft
P500100 TRIPPLITE-P500100 Datasheet
473Kb / 2P
VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 100-ft
P500100P TRIPPLITE-P500100P Datasheet
482Kb / 2P
VGA Coax Monitor Extension Cable, Plenum Rated High Resolution Cable with RGB Coax (HD15 M/F),100-ft
P502025 TRIPPLITE-P502025 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 25-ft
P500-015 TRIPPLITE-P500-015 Datasheet
470Kb / 2P
VGA Coax High-Resolution Monitor Extension Cable with RGB Coax (HD15 M/F), 15 ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com