Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16675AW Datasheet(PDF) 16 Page - NEC

Part # UPD16675AW
Description  1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16675AW Datasheet(HTML) 16 Page - NEC

Back Button UPD16675AW Datasheet HTML 12Page - NEC UPD16675AW Datasheet HTML 13Page - NEC UPD16675AW Datasheet HTML 14Page - NEC UPD16675AW Datasheet HTML 15Page - NEC UPD16675AW Datasheet HTML 16Page - NEC UPD16675AW Datasheet HTML 17Page - NEC UPD16675AW Datasheet HTML 18Page - NEC UPD16675AW Datasheet HTML 19Page - NEC UPD16675AW Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
µµµµPD16675A
5.3.7
Data R/W mode
Data Read/Write (R/W), increment, address counter resetting, etc. are set in this mode.
10110
b2 b1 b0
Choices 1
00: The address is incremented (+1) after being reset (X address = 00H,
Y address = 00H).Note 1
01: The address is incremented starting from the current one.Note 2
10: The address is not incremented after being reset.
11: Current address retained.
MSB
LSB
Choices 2
0: Data writing
1: Data readingNote 3
Notes 1. When the X address goes to the last address, the next address is 00H.
2. The data Read mode is cancelled at STB’s rising edge (switched to data Write mode).
3. In 4-bit parallel interface mode, data cannot be read out.
5.3.8
Test mode
The test mode is set. The test mode is for checking IC operation, and no assurance is made for its regular use or
continued operation.
10111 b2 b1 b0
Choices
000: Normal operation
001 to 111: Test mode
MSB
LSB
5.3.9
D/A converter setting
D/A converter output is set in 32 steps from VDD2 to 2/3 VDD2.
1
0
0
b4 b3 b2 b1 b0
Choices
00H (MIN.) to 1FH (MAX.)
MSB
LSB
10H is set after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com