Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16681 Datasheet(PDF) 21 Page - NEC

Part # UPD16681
Description  LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16681 Datasheet(HTML) 21 Page - NEC

Back Button UPD16681 Datasheet HTML 17Page - NEC UPD16681 Datasheet HTML 18Page - NEC UPD16681 Datasheet HTML 19Page - NEC UPD16681 Datasheet HTML 20Page - NEC UPD16681 Datasheet HTML 21Page - NEC UPD16681 Datasheet HTML 22Page - NEC UPD16681 Datasheet HTML 23Page - NEC UPD16681 Datasheet HTML 24Page - NEC UPD16681 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Data Sheet S13104EJ5V0DS00
21
µµµµPD16681
7.1 LCD Display and DDRAM Addresses
The character code used in the
µPD16681 contains 16 bits (character code + character attribute code). When data
is stored to an address in DDRAM, a combination of full width (11 x 12 dots) and half width (5 x 12 dots) characters
can be displayed on the LCD.
The relation between the DDRAM’s character area and the actual LCD display when displaying a combination of full
width and half width characters is shown below.
Figure 7-1. The Relation between The DDRAM’s Character Area and The Actual LCD Display
LCD display:
"" : Half width(5 x 12 dots) space
DDRAM:
123456
789
10
11
12
13
14
15
16
17
18
1st line
00H
01H
02H
03H
04H
05H
06H
07H
08H
09H
0AH 0BH 0CH 0DH 0EH 0FH
10H
11H
2nd line
12H
13H
14H
15H
16H
17H
18H
19H
1AH 1BH 1CH 1DH 1EH 1FH
20H
21H
22H
23H
3rd line
24H
25H
26H
27H
28H
29H
2AH 2BH 2CH 2DH 2EH 2FH
30H
31H
32H
33H
34H
35H
4th line
36H
37H
38H
39H
3AH 3BH 3CH 3DH 3EH 3FH
40H
41H
42H
43H
44H
45H
46H
47H
Remark
Shaded areas indicate addresses.
Address characters that are not displayed are used as data for character scrolling.
7.2 Character Codes
The
µPD16681 is able to combine full width characters (11 x 12 dots) and half width characters (5 x 12 dots) in the
same display. The character data that is stored in DDRAM is displayed starting from the top left corner of the LCD
screen. A one-dot character interval is added to the left of each character font.
Both full width (11 x 12 dots) and half width (5 x 12 dots) characters are handled using 16-bit code lengths and are
stored in DDRAM. The 16-bit code format uses the low-order 13 bits as the character code. The remaining 3 bits are
the high-order 3 bits, which specify the character width (full or half) and the display attribute. The MSB is the select
bit indicating full width or half width character code: “0” specifies full width characters and “1” specifies half width
characters. The character attribute code is assigned to the next two bits, and can specify attributes such as blinking
for individual characters. (See the section 7.3 Display Attributes.)
7.2.1 Code format
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
F/H
A1
A0
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
C0
Full width(11 x 12 dots) character/
Half width(5 x 12 dots) character specification
Display attribute codes
High-order character code
Low-order character code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com