Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP32N50K Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP32N50K
Description  Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP32N50K Datasheet(HTML) 1 Page - International Rectifier

  IRFP32N50K Datasheet HTML 1Page - International Rectifier IRFP32N50K Datasheet HTML 2Page - International Rectifier IRFP32N50K Datasheet HTML 3Page - International Rectifier IRFP32N50K Datasheet HTML 4Page - International Rectifier IRFP32N50K Datasheet HTML 5Page - International Rectifier IRFP32N50K Datasheet HTML 6Page - International Rectifier IRFP32N50K Datasheet HTML 7Page - International Rectifier IRFP32N50K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP32N50K
05/24/01
www.irf.com
1
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on)typ.
ID
500V
0.135
Ω
32A
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
32
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
20
A
IDM
Pulsed Drain Current

130
PD @TC = 25°C
Power Dissipation
460
W
Linear Derating Factor
3.7
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
13
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300
(1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw
10lb*in (1.1N*m)
Absolute Maximum Ratings
TO-247AC
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
450
mJ
IAR
Avalanche Current

–––
32
A
EAR
Repetitive Avalanche Energy

–––
46
mJ
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.26
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
Avalanche Characteristics
l Switch Mode Power Supply (SMPS)
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency
Circuits
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Low RDS(on)
PD - 94099A


Similar Part No. - IRFP32N50K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP32N50K IRF-IRFP32N50K Datasheet
178Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFP32N50K VISHAY-IRFP32N50K Datasheet
150Kb / 8P
Power MOSFET
07-Jul-08
IRFP32N50K VISHAY-IRFP32N50K Datasheet
183Kb / 9P
Power MOSFET
14-Mar-11
logo
Inchange Semiconductor ...
IRFP32N50K ISC-IRFP32N50K Datasheet
272Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP32N50K VISHAY-IRFP32N50K Datasheet
205Kb / 11P
Power MOSFET
14-Mar-11
More results

Similar Description - IRFP32N50K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7501 IRF-IRF7501 Datasheet
143Kb / 7P
Power MOSFET(Vdss=20V, Rds(on)=0.135ohm)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com