Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE310 Datasheet(PDF) 2 Page - TEMEX

Part # TE310
Description  For this product, full and detailed specifications can be delivered on request
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TE310 Datasheet(HTML) 2 Page - TEMEX

  TE310 Datasheet HTML 1Page - TEMEX TE310 Datasheet HTML 2Page - TEMEX TE310 Datasheet HTML 3Page - TEMEX TE310 Datasheet HTML 4Page - TEMEX TE310 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Space Temperature Compensated Crystal Oscillator
TE 310
TCXO Series 310
March, 11th 2012
Specifications subject to change without notice
Shortform, 51000655.110, Issue A3
2 / 5
www.rakon.com
2.0
Electrical interface
Line
Parameters
Conditions/remarks
Min
Nom
Max
Unit
Supply option 1
4.75
5.0
5.25
V
2.1
Power supply
Supply option 2
11.4
12.0
12.6
10 MHz ≤ Frequency < 30 MHz, In parallel with 1 k
13
15
18
pF
30 MHz ≤ Frequency < 50 MHz, In parallel with 1 k
6.2
7
7.5
pF
2.2
Load Impedance
50 MHz≤Frequency < 100 MHz, In parallel with 1 k
4.2
4.7
5.1
pF
2.3
Adjustment Resistor
Radj
Calibration option 1
0
10
k
3.0
Performances
Line
Parameters
Conditions/Remarks
Min
Typ
Max
Unit
3.1
Nominal Frequency
10
100
MHz
3.2
Steady state supply power
(Rnom)
30
mA
3.3
Initial frequency accuracy
Calibration
option 1
Rnom
± 1
ppm
Negative slope
RadjMin
+5
ppm
3.4
Frequency adjustment
Calibration option 1
RadjMax
- 5
ppm
3.5
Calibration option 2
NA
Temperature option A
± 0.5
ppm
Temperature option B
± 1
ppm
3.6
Frequency stability vs temperature
Temperature option C
± 5
ppm
3.7
Frequency variation vs. supply voltage
Over Operating Temperature
± 0.1
ppm
3.8
Frequency variation vs. load
Over Operating Temperature
± 0.2
ppm
3.9
Over 1 year
± 1
ppm
3.10
Frequency ageing
Over 15 years
± 5
ppm
3.11
Output waveform
AHCMOS compatible
Square
3.12
VOL
0.4
V
3.13
Output level
VOH
2.4
V
3.14
Duty cycle
45
55
%
3.15
Rise time
10%-90% of Vcc
5
ns
3.16
Fall time
90%-10% of Vcc
5
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com