Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP3703 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP3703
Description  Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP3703 Datasheet(HTML) 1 Page - International Rectifier

  IRFP3703 Datasheet HTML 1Page - International Rectifier IRFP3703 Datasheet HTML 2Page - International Rectifier IRFP3703 Datasheet HTML 3Page - International Rectifier IRFP3703 Datasheet HTML 4Page - International Rectifier IRFP3703 Datasheet HTML 5Page - International Rectifier IRFP3703 Datasheet HTML 6Page - International Rectifier IRFP3703 Datasheet HTML 7Page - International Rectifier IRFP3703 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5/18/01
www.irf.com
1
IRFP3703
SMPS MOSFET
HEXFET® Power MOSFET
l Synchronous Rectification
Benefits
Applications
l Low Gate Impedance to Reduce Switching
Losses
l Fully Avalanche Rated
VDSS
RDS(on) max
ID
30V
0.0028
Ω
210A†
Typical SMPS Topologies
l Forward and Bridge Converters with Synchronous Rectification for Telecom and
Industrial Applications
l Offline High Power AC/DC Convertors using Synchronous Rectification
Absolute Maximum Ratings
Notes
 through † are on page 8
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
210
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
100
†
A
IDM
Pulsed Drain Current

1000
PD @TC = 25°C
Power Dissipation
230
W
PD @TA = 25°C
Power Dissipation
3.8
Linear Derating Factor
1.5
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
TO-247AC
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.65
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
l Ultra Low On-Resistance
l Active ORing
PD - 93917A


Similar Part No. - IRFP3703

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFP3703 ISC-IRFP3703 Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFP3703PBF IRF-IRFP3703PBF Datasheet
219Kb / 9P
HEXFET Power MOSFET
IRFP3703PBF IRF-IRFP3703PBF Datasheet
220Kb / 9P
Synchronous Rectification
IRFP3703PBF IRF-IRFP3703PBF_15 Datasheet
220Kb / 9P
Synchronous Rectification
More results

Similar Description - IRFP3703

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3703 IRF-IRF3703 Datasheet
95Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A??
IRF3707 IRF-IRF3707 Datasheet
143Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRF3709 IRF-IRF3709 Datasheet
121Kb / 11P
Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRFR3707 IRF-IRFR3707 Datasheet
136Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)max=13mohm, Id=61A??
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com