Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP460A Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP460A
Description  Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP460A Datasheet(HTML) 1 Page - International Rectifier

  IRFP460A Datasheet HTML 1Page - International Rectifier IRFP460A Datasheet HTML 2Page - International Rectifier IRFP460A Datasheet HTML 3Page - International Rectifier IRFP460A Datasheet HTML 4Page - International Rectifier IRFP460A Datasheet HTML 5Page - International Rectifier IRFP460A Datasheet HTML 6Page - International Rectifier IRFP460A Datasheet HTML 7Page - International Rectifier IRFP460A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
TO-247AC
6/23/99
IRFP460A
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply ( SMPS )
l Uninterruptable Power Supply
l High speed power switching
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss specified ( See AN1001)
VDSS
Rds(on) max
ID
500V
0.27
Ω
20A
Typical SMPS Topologies:
l Full Bridge
l PFC Boost
S
D
G
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
20
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
13
A
IDM
Pulsed Drain Current

80
PD @TC = 25°C
Power Dissipation
280
W
Linear Derating Factor
2.2
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
3.8
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Notes
 through … are on page 8
PD- 91880


Similar Part No. - IRFP460A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP460A VISHAY-IRFP460A Datasheet
144Kb / 8P
Power MOSFET
28-Jul-08
logo
Inchange Semiconductor ...
IRFP460A ISC-IRFP460A Datasheet
369Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP460A VISHAY-IRFP460A Datasheet
212Kb / 10P
Power MOSFET
31-Jan-2022
logo
International Rectifier
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
logo
Inchange Semiconductor ...
IRFP460APBF ISC-IRFP460APBF Datasheet
324Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRFP460A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460LC IRF-IRFP460LC Datasheet
338Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460N IRF-IRFP460N Datasheet
94Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.24ohm, Id=20A)
IRFP460P IRF-IRFP460P Datasheet
174Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com