Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU310 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFU310
Description  Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU310 Datasheet(HTML) 1 Page - International Rectifier

  IRFU310 Datasheet HTML 1Page - International Rectifier IRFU310 Datasheet HTML 2Page - International Rectifier IRFU310 Datasheet HTML 3Page - International Rectifier IRFU310 Datasheet HTML 4Page - International Rectifier IRFU310 Datasheet HTML 5Page - International Rectifier IRFU310 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFU310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFU310 VISHAY-IRFU310 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
logo
Kersemi Electronic Co.,...
IRFU310 KERSEMI-IRFU310 Datasheet
3Mb / 7P
Power MOSFET
IRFU310 KERSEMI-IRFU310 Datasheet
3Mb / 7P
Power MOSFET
logo
Inchange Semiconductor ...
IRFU310 ISC-IRFU310 Datasheet
340Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFU310 VISHAY-IRFU310 Datasheet
835Kb / 13P
Power MOSFET
19-Jul-2021
More results

Similar Description - IRFU310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFBF20 IRF-IRFBF20 Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFBF20S IRF-IRFBF20S Datasheet
311Kb / 10P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFD310 IRF-IRFD310 Datasheet
459Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=0.35A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFIBC20G IRF-IRFIBC20G Datasheet
167Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
IRFR310PBF IRF-IRFR310PBF Datasheet
1Mb / 10P
HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=3.6廓 , ID=1.7A )
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com