Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2922 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2922
Description  114 MHz Cuttoff Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2922 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2922 Datasheet HTML 1Page - KR Electronics, Inc. 2922 Datasheet HTML 2Page - KR Electronics, Inc. 2922 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2922, Rev 0, July 6, 2009
KR Electronics
KR Electronics part number 2922 is a 114 MHz elliptic lowpass
filter. Other bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 114 MHz Cuttoff Frequency
 Sharp Transition to Stopband
 >40 dB Stopband Attenuation
 50  Source and Load
 TNC Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2922

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2922 ADAFRUIT-2922 Datasheet
248Kb / 3P
Adalogger FeatherWing - RTC SD Add-on For All Feather Boards
2/29/2016
logo
RHOPOINT COMPONENTS
29220 RHOPOINT-29220 Datasheet
99Kb / 1P
0.05%?C stable 100R Miniature flexible platinum RTD
logo
Numonyx B.V
292204 NUMONYX-292204 Datasheet
776Kb / 67P
Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
logo
Tyco Electronics
292206 MACOM-292206 Datasheet
613Kb / 6P
1.5 mm AMP Mini CT Connector Series
292206-2 MACOM-292206-2 Datasheet
613Kb / 6P
1.5 mm AMP Mini CT Connector Series
More results

Similar Description - 2922

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2923 KR-2923 Datasheet
51Kb / 3P
110 MHz Cuttoff Frequency
2921 KR-2921 Datasheet
51Kb / 3P
118 MHz Cuttoff Frequency
2912 KR-2912 Datasheet
43Kb / 2P
45 MHz Cuttoff Frequency
2929 KR-2929 Datasheet
47Kb / 2P
1 MHz Cuttoff Frquency
2928-1 KR-2928-1 Datasheet
46Kb / 2P
100 KHz Cuttoff Frquency
2391A-6-50 KR-2391A-6-50 Datasheet
35Kb / 2P
6 MHz Cuttoff Frquency
2391A-16-50 KR-2391A-16-50 Datasheet
35Kb / 2P
16 MHz Cuttoff Frquency
2391B-9-50 KR-2391B-9-50 Datasheet
45Kb / 2P
9 MHz Cuttoff Frquency
2391B-18-50 KR-2391B-18-50 Datasheet
47Kb / 2P
18 MHz Cuttoff Frquency
2923-SMA KR-2923-SMA Datasheet
98Kb / 3P
110 MHz Cuttoff Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com