Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2917 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2917
Description  800 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2917 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2917 Datasheet HTML 1Page - KR Electronics, Inc. 2917 Datasheet HTML 2Page - KR Electronics, Inc. 2917 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2917, Rev 0, June 24, 2009
KR Electronics
KR Electronics part number 2917 is a 800 MHz bandpass filter.
The 3 dB bandwidth is 240 MHz minimum. Other center fre-
quencies and bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 800 MHz Center Frequency
 240 MHz min 3 dB Bandwidth
 50  Source and Load
 Surface Mount
 Also available with SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2917

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2917 ALLEGRO-2917 Datasheet
178Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
Heyco.
2917 HEYCO-2917 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
PHOENIX CONTACT
2917036 PHOENIX-2917036 Datasheet
414Kb / 2P
Adapter - RAD-ADP-N/M-SMA/F
logo
Weidmuller
2917090000 WEIDMULLER-2917090000 Datasheet
331Kb / 5P
BVZ 7.62HP/03/180FC SN BK BX SO
2917100000 WEIDMULLER-2917100000 Datasheet
334Kb / 5P
BVZ 7.62HP/04/180FC SN BK BX SO
More results

Similar Description - 2917

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
2574-SMA KR-2574-SMA Datasheet
59Kb / 2P
20 MHz Center Frequency
2953 KR-2953 Datasheet
52Kb / 3P
900 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com