Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2892 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2892
Description  250 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2892 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2892 Datasheet HTML 1Page - KR Electronics, Inc. 2892 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
CH2
S31
LOG
1 dB/
REF 0 dB
Cor
CH4
S31
DEL
10 ns/
REF 0 s
CENTER
250 . 000
000
MHz
SPAN
60 . 000
000
MHz
Cor
Smo
16 Mar 2009 12:10:15
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
100 . 000
000
MHz
STOP
1 000 . 000
000
MHz
16 Mar 2009 12:13:10
KR Electronics
KR 2892 is a 250 MHz bandpass filter. The filter has a typical
3 dB bandwidth of 50 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 250 MHz Center Frequency
 50 MHz Typical 3 dB Bandwidth
 Surface Mount
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2892

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
logo
PROXXON. All rights res...
28920 PROXXON-28920 Datasheet
124Kb / 1P
life expectancy !
logo
PHOENIX CONTACT
2892465 PHOENIX-2892465 Datasheet
70Kb / 4P
Relay connectors - ST-REL7-HG220/4X21
2892520 PHOENIX-2892520 Datasheet
69Kb / 4P
Relay connectors - ST-REL7-KG 24/21-21
More results

Similar Description - 2892

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
2994 KR-2994 Datasheet
48Kb / 3P
250 KHz Center Frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com