Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFV260 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFV260
Description  TRANSISTOR N-CHANNEL(Vdss=200V, Rds(on)=0.060ohm, Id=45A*)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFV260 Datasheet(HTML) 1 Page - International Rectifier

  IRFV260 Datasheet HTML 1Page - International Rectifier IRFV260 Datasheet HTML 2Page - International Rectifier IRFV260 Datasheet HTML 3Page - International Rectifier IRFV260 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings
Parameter
IRFV260
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
45*
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
29
IDM
Pulsed Drain Current

180
PD @ TC = 25°C
Max. Power Dissipation
300
W
Linear Derating Factor
2.4
W/K
…
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
700
m J
IAR
Avalanche Current

45
A
EAR
Repetitive Avalanche Energy

30
m J
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.3
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
oC
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10 sec.)
Weight
10.9 (typical)
g
N-CHANNEL
Provisional Data Sheet No. PD-9.2002
200Volt, 0.060
Ω
Ω
Ω
Ω
Ω, HEXFET
A
IRFV260
HEXFET® TRANSISTOR
HEXFET technology is the key to International
Rectifier’s advanced line of power MOSFET transis-
tors. The efficient geometry design achieves ver y
low on-state resistance combined with high trans-
conductance.
HEXFET transistors also feature all of the well-es-
tablished advantages of MOSFETs, such as voltage
control, very fast switching, ease of paralleling and
electrical parameter temperature stability. They are
well-suited for applications such as switching power
supplies, motor controls, inverters, choppers, audio
amplifiers, high energy pulse circuits and virtually
any application where high reliability is required.
The HEXFET transistor’s totally isolated package
eliminates the need for additional isolating material
between the device and the heatsink. This improves
thermal efficiency and reduces drain capacitance.
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFV260
200V
0.060
Ω
45A*
Features:
n Hermetically Sealed
n Electrically Isolated
n Simple Drive Requirements
n Ease of Paralleling
n Ceramic Eyelets
* ID current limited by pin diameter
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFV260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFV260 IRF-IRFV260 Datasheet
37Kb / 4P
Simple Drive Requirements
IRFV260 IRF-IRFV260_15 Datasheet
37Kb / 4P
Simple Drive Requirements
More results

Similar Description - IRFV260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRF5N5210 IRF-IRF5N5210 Datasheet
118Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.060ohm, Id=-31A)
IRF5Y31N20 IRF-IRF5Y31N20 Datasheet
99Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=200V, Rds(on)=0.092ohm, Id=18A*)
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRF7452 IRF-IRF7452 Datasheet
104Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRFI064 IRF-IRFI064 Datasheet
226Kb / 8P
TRANSISTOR N-CHANNEL(Vdss=60V, Rds(on)=0.017ohm, Id=45A*)
IRFI260 IRF-IRFI260 Datasheet
135Kb / 4P
TRANSISTOR N-CHANNEL(Vdss=200V, Rds(on)=0.060ohm, Id=45A*)
IRFIZ24V IRF-IRFIZ24V Datasheet
83Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.060ohm, Id=14A)
IRFM260 IRF-IRFM260 Datasheet
442Kb / 8P
TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com