Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B130101SWP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B130101SWP
Description  VGA with RS232 over Cat5-Cat6 Extender Kit,Wallplate Transmitter and Receiver, 1920x1440 at 60Hz, Up to 1000-ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B130101SWP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B130101SWP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B130101SWP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VGA with RS232 over Cat5/Cat6 Extender Kit,
Wallplate Transmitter and Receiver, 1920x1440 at
60Hz, Up to 1000-ft.
MODEL NUMBER: B130-101S-WP
Description
Tripp Lite's B130-101S-WP allows you to extend a 1920 x 1440 (60Hz) Video and RS232 Serial signal up to 500
ft., or a 1024 x 768 (60Hz) Video and RS232 Serial signal up to 1,000 ft., when using 24Awg, Solid Wire Cat5e/6
cable, such as Tripp Lite's N022-01K-GY (Cat5) and N222-01K-GY (Cat6). For optimal image quality between
500 and 1,000 ft., use Zero-Skew cable, such as Tripp Lite P524-01K. Kit includes a Wallplate style Transmitter
and Receiver. A "Y" cable is included for use at the computer to allow a local monitor to be attached. Ideal for
digital signage situations, such as retail, schools, church, etc, as well as serial POS. Remote unit contains
Equalization length ( EQ ) and Brightness ( Gain ) adjustment screws for crystal clear images...small screwdriver
is included with the unit. Cat5e/Cat6 Solid conductor cable recommended.
Features
Extends a 1920 x 1440 (60Hz) Video and RS232 Serial signal up to 500 ft., or a 1024 x 768 (60Hz) Video
and RS232 Serial signal up to 1,000 ft., when using 24Awg, Solid Wire Cat5e/6 cable, such as Tripp Lite's
N022-01K-GY(Cat5) and N222-01K-GY (Cat6)
For optimal image quality between 500 and 1,000 ft., use Zero-Skew cable, such as Tripp Lite P524-01K
Connections for optional local monitor ( "Y" Cable )
Wallplate style Transmitter & Receiver for clean installation
110 Punchdown Tool, and Screwdriver to adjust Gain and Brightness, included
Secure, screw down power connection on wallplates
Works with: Monitors, Projectors, HDTV's, Flat panels, and any type of Serial Device
Specifications
General Info
Highlights
Extends a 1920 x 1440 (60Hz)
Video and RS232 Serial signal
up to 500 ft., or a 1024 x 768
(60Hz) Video and RS232 Serial
signal up to 1,000 ft., when using
24Awg, Solid Wire Cat5e/6
cable, such as Tripp Lite's
N022-01K-GY(Cat5) and
N222-01K-GY (Cat6)
For optimal image quality
between 500 and 1,000 ft., use
Zero-Skew cable, such as Tripp
Lite P524-01K
Connections for optional local
monitor
Wallplate style Transmitter &
Receiver for clean installation
System Requirements
Computer with VGA video output
connector and DB9 Male RS232
output
Monitor(s) with VGA input
Serial device with DB9 connection
Package Includes
Local Wallplate Unit
Remote Wallplate Unit
"Y" VGA cable
DB9M to 3.5mm plug Serial cable
( Remote serial connection )
DB9F to 3.5mm plug Serial cable
( Local serial connection )
Owners Manual
Screwdriver
110 Punch Down tool
2 x External Power Supply
(5-15P Plug), Input: 100-240V,
50/60Hz, 0.4A, Output: +5V, 2A
1 / 2


Similar Part No. - B130101SWP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B130101S2 TRIPPLITE-B130101S2 Datasheet
496Kb / 2P
VGA with RS232 over Cat5-Cat6 Extender Kit,Box-Style Transmitter and Receiver with EDID,1920x1440 at 60Hz, Up to 1000-ft
More results

Similar Description - B130101SWP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B130101A2 TRIPPLITE-B130101A2 Datasheet
494Kb / 2P
VGA with Audio over Cat5-Cat6 Extender Kit,Box-Style Transmitter & Receiver with EDID,1920x1440 at 60Hz, Up to 1000-ft.
B130101AWP1 TRIPPLITE-B130101AWP1 Datasheet
503Kb / 2P
VGA with Audio over Cat5-Cat6 Extender Kit, Wallplate Transmitter and Receiver with EDID,1920x1440 at 60Hz, Up to 1000-ft
B130101S2 TRIPPLITE-B130101S2 Datasheet
496Kb / 2P
VGA with RS232 over Cat5-Cat6 Extender Kit,Box-Style Transmitter and Receiver with EDID,1920x1440 at 60Hz, Up to 1000-ft
B130101U TRIPPLITE-B130101U Datasheet
495Kb / 2P
VGA over Cat5-Cat6 Extender Kit, Transmitter and Receiver, USB-Powered, 1920x1440 at 60Hz, Up to 500-ft
B130111 TRIPPLITE-B130111 Datasheet
505Kb / 2P
VGA over Cat5-Cat6 Extender Kit, Box-Style Transmitter and Repeater, 1920x1440 at 60Hz, Up to 1000-ft
B132100AWP1 TRIPPLITE-B132100AWP1 Datasheet
498Kb / 2P
VGA with Audio over Cat5-Cat6 Extender, Wallplate Receiver, 1920x1440 at 60Hz, Up to 1000-ft
B132100WP1 TRIPPLITE-B132100WP1 Datasheet
496Kb / 2P
VGA over Cat5-Cat6 Extender, Wallplate Receiver, 1920x1440 at 60Hz, Up to 1000-ft
B1301012 TRIPPLITE-B1301012 Datasheet
493Kb / 2P
VGA over Cat5-Cat6 Extender Kit, Box-Style Transmitter and Receiver with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B1321001 TRIPPLITE-B1321001 Datasheet
506Kb / 2P
VGA over Cat5-Cat6 Extender, Box-Style Receiver,1920x1440 at 60Hz, Up to 1000-ft
B130-101-U TRIPPLITE-B130-101-U Datasheet
162Kb / 3P
VGA over Cat5/Cat6 Extender Kit, Transmitter and Receiver, USB-Powered, 1920x1440 at 60Hz, Up to 500-ft., TAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com