Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC74P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC74P
Description  Dual D-type Flip-Flops (with Preset and Clear)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC74P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC74P Datasheet HTML 1Page - Renesas Technology Corp HD74HC74P Datasheet HTML 2Page - Renesas Technology Corp HD74HC74P Datasheet HTML 3Page - Renesas Technology Corp HD74HC74P Datasheet HTML 4Page - Renesas Technology Corp HD74HC74P Datasheet HTML 5Page - Renesas Technology Corp HD74HC74P Datasheet HTML 6Page - Renesas Technology Corp HD74HC74P Datasheet HTML 7Page - Renesas Technology Corp HD74HC74P Datasheet HTML 8Page - Renesas Technology Corp HD74HC74P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
REJ03D0549-0300 Rev.3.00 Oct 27, 2008
Page 1 of 7
HD74HC74
Dual D-type Flip-Flops (with Preset and Clear)
REJ03D0549-0300
Rev.3.00
Oct 27, 2008
Description
The flip-flop has independent data, preset, clear, and clock inputs and Q and
Q outputs. The logic level present at the
data input is transferred to the output during the positive going transition to the clock pulse. Preset and clear are
independent of the clock and accomplished by a low level at the appropriate input.
Features
• High Speed Operation: t
pd (Clock to Q or Q) = 14 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 2
µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC74P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74HC74FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74HC74RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
HD74HC74TELL
TSSOP-14 pin
PTSP0014JA-B
(TTP-14DV)
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Outputs
Preset
Clear
Clock
Data
Q
Q
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H
*1
H
*1
H
H
H
H
L
H
H
L
L
H
H
H
L
X
No change
H
H
H
X
No change
H
H
X
No change
H :
High level
L :
Low level
X :
Irrelevant
Note:
1. Q and
Q will remain High as long as Preset and Clear are Low, but Q and Q are unpredictable, if Preset and
Clear go High simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com