Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS14FPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS14FPEL
Description  Hex Schmitt Trigger Inverters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS14FPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LS14FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS14FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS14FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS14FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS14FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS14FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS14FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS14FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LS14FPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74LS14
REJ03D0399-0400 Rev.4.00 Apr 07, 2009
Page 4 of 6
Testing Method
Test Circuit
RL
VCC Output
Input
CL
P.G.
Zout=50Ω
Notes:
1.
All diodes are 1S2074(H).
2.
CL includes probe and jig capacitance.
Waveform
0 V
3 V
VOH
VOL
tPHL
tPLH
10%
90%
1.6 V
1.3 V
1.3 V
0.7 V
10%
90%
Input
Output
tTLH
tTHL
Note:
Input pulse: tTLH
≤ 15 ns, t
THL
≤ 6 ns P
RR = 1 MHz, duty cycle 50%.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com