Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B132002A2 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B132002A2
Description  2-Port VGA with Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter with EDID,1920x1440 at 60Hz, Up to 1000-ft
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B132002A2 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B132002A2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B132002A2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B132002A2 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Can further expand the range and number of monitors/speakers by adding B132-110A repeaters
Connect up to 4 remote units in a repeater chain (3 repeaters and 1 receiver), with a set of monitor and speakers at each location
A 1920 x 1440 (60Hz) Video and Audio signal can be extended up to 500 ft. from the first repeater in the chain to the last receiver. A 1024 x 768 (60Hz)
Video and Audio signal can be extended up to 1,000 ft. from the first repeater in the chain to the last receiver.
For optimal image quality between 500 and 1,000 ft., use Zero-Skew cable, such as Tripp Lite P524-01K
Includes mounting hardware that allows unit to be wall mounted, rack mounted or pole mounted.
Ideal for digital signage situations, such as retail, schools, churches, etc.
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Splitter
Model Type
VGA
Cable Types
CAT5/CAT5E
PHYSICAL
Shipping Weight (lbs.)
1.1
Shipping Weight (kg)
0.5
Unit Dimensions (hwd / in.)
1 x 2.5 x 3.7
Unit Dimensions (hwd / cm)
2.54 x 6.35 x 9.40
Unit Weight (lbs.)
0.45
Unit Weight (kg)
0.20
Color
Black
CONNECTIONS
Connector A
HD15 (FEMALE)
Connector B
3.5MM (FEMALE)
Connector C
RJ45 (FEMALE) (X2)
WARRANTY
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com