Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B132004RB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B132004RB
Description  19 Rack Mount Bracket (holds up to three Cat5 extender-splitter local units)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B132004RB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B132004RB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B132004RB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
19" Rack Mount Bracket (holds up to three Cat5
extender/splitter local units)
MODEL NUMBER: B132-004-RB
Description
Use the B132-004-RB 1U, 19" wide bracket to rackmount up to three of Tripp Lite's 4-Port Cat5 extender/splitter local units, including: B132-004-1, B132-004A,
B136-004, B126-004, and B140-004.
Features
Used for rackmounting up to three of Tripp Lite's 4-Port Cat5 extender/splitter local units
1U height x 19" Wide
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Extender
Model Type
VGA
Cable Types
CAT5/CAT5E
Accessories Type
Mounting Bracket
PHYSICAL
Unit Dimensions (hwd / in.)
1.75 x 19 x 1.25
Unit Dimensions (hwd / cm)
4.45 x 48.26 x 3.18
Highlights
Used for rackmounting up to
three Tripp Lite Cat5
extender/splitter local units
1U height x 19" Wide
Package Includes
1 - 19"W, 1U, 3-space, Rackmount
panel
1 / 2


Similar Part No. - B132004RB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B1320042 TRIPPLITE-B1320042 Datasheet
493Kb / 3P
4-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B132004A2 TRIPPLITE-B132004A2 Datasheet
498Kb / 3P
4-Port VGA with Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft.
More results

Similar Description - B132004RB

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
NC14003-B713 FUJITSU-NC14003-B713 Datasheet
67Kb / 4P
Cat5 Extender Unit - NC14003-B713
FE-1000CW FUJITSU-FE-1000CW Datasheet
293Kb / 6P
Cat5 Wide Band Extender
FE-2000CW FUJITSU-FE-2000CW Datasheet
387Kb / 6P
Cat5 Wide Band Extender
logo
Tripp Lite. All Rights ...
B1320022 TRIPPLITE-B1320022 Datasheet
501Kb / 2P
2-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B1320042 TRIPPLITE-B1320042 Datasheet
493Kb / 3P
4-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B140002 TRIPPLITE-B140002 Datasheet
514Kb / 3P
2-Port DVI over Cat5/Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
U00740M TRIPPLITE-U00740M Datasheet
487Kb / 2P
USB over Cat5 Extender Kit
SRLCDMOUNT TRIPPLITE-SRLCDMOUNT Datasheet
170Kb / 2P
Monitor Rack-Mount Bracket, 4U, for LCD Monitor up to 17-19 in.
B132-004-RB TRIPPLITE-B132-004-RB Datasheet
150Kb / 2P
19" Rack Mount Bracket (holds up to three Cat5 extender/splitter local units)
B126-2A0 TRIPPLITE-B126-2A0 Datasheet
172Kb / 5P
2-Port HDMI over Cat5/6 Active Extender/Splitter, Remote Receiver for Video/Audio, Up to 150 ft. (45 m), TAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com