Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B136004 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B136004
Description  4-Port Component Video plus Stereo Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B136004 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B136004 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B136004 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-Port Component Video + Stereo Audio over
Cat5/Cat6 Extender Splitter, Box-Style Transmitter
MODEL NUMBER: B136-004
Description
Tripp Lite's B136-004 takes a single Component Video and Stereo Audio signal and splits it to five (1 local, 4
remote). When used in conjunction with a B136-100 or B136-100-WP remote unit, you can transmit a
Component Video ( YPbPr ) and Stereo Audio signal from any DVD player, PS3, or Cable/Satellite device to up
to four displays over a single CAT5, CAT5E, or CAT6 cable. A 1080i (60Hz) Component Video and Stereo
Audio signal can be extended up to 300 ft. when using 24Awg, Solid Wire UTP cable (Tripp Lite N202-Series);
or, up to 400 ft. when using Zero-Skew UTP cable (Tripp Lite P524-01K). A 480p (60Hz) Component Video and
Stereo Audio signal can be extended up to 500 ft. when using 24Awg, Solid Wire UTP cable (Tripp Lite
N202-Series); or, up to 700 ft. when using Zero-Skew UTP cable (Tripp Lite P524-01K). The number of displays
can be increased to up to 13 (1 local, 12 remote) by daisychaining 3 B136-004 units together. Compliant with the
Federal Trade Agreements Act (TAA) for GSA Schedule purchases.
Features
Splits a single Component Video and Stereo Audio signal into five (1 local, 4 remote)
Features an extra set of Component Video and Stereo Audio connectors for an optional local display
Works in conjunction with a B136-100 remote unit or a B136-100-WP remote wallplate
A 1080i (60Hz) Component Video and Stereo Audio signal can be extended up to 300 ft. when using 24Awg, Solid Wire UTP cable (Tripp Lite
N202-Series); or, up to 400 ft. when using Zero-Skew UTP cable (Tripp Lite P524-01K)
A 480p (60Hz) Component Video and Stereo Audio signal can be extended up to 500 ft. when using 24Awg, Solid Wire UTP cable (Tripp Lite
N202-Series); or, up to 700 ft. when using Zero-Skew UTP cable (Tripp Lite P524-01K)
Connect up to 13 displays (1 local, 12 remote) by cascading 3 B136-004 units together
Includes a 1 ft. Component Video + Stereo Audio daisychain cable
Up to 3 B136-004 units can be mounted in 1U of rack space when using a B132-004-RB Extender/Splitter 19 in. rackmount bracket
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
Highlights
Splits a single Component Video
and Stereo Audio signal into five
(1 local, 4 remote)
Extends a 1080i (60Hz)
Component Video and Stereo
Audio signal up to 300 ft. when
using 24Awg, Solid Wire UTP
cable (Tripp Lite N202-Series);
or, up to 400 ft. when using
Zero-Skew UTP cable (Tripp Lite
P524-01K)
Connect up to 13 displays (1
local, 12 remote) by
daisychaining 3 B136-004 units
together
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Package Includes
B136-004 4-Port Component
Video + Stereo Audio
Extender/Splitter
AC Adapter ( Input: 100-240V,
50/60Hz, 0.5A Output: 5V, 2A )
1 ft. Component Video + Stereo
Audio Source / Daisychain cable
Owner's Manual
1 / 2


Similar Part No. - B136004

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
B1360W LSTD-B1360W Datasheet
891Kb / 2P
Easy installation with optional NMO Mounts
B1360WS LSTD-B1360WS Datasheet
891Kb / 2P
Easy installation with optional NMO Mounts
More results

Similar Description - B136004

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B126002 TRIPPLITE-B126002 Datasheet
519Kb / 3P
2-Port HDMI over Cat5-Cat6 Extender Splitter,Box-Style Transmitter for Video and Audio,1920x1200 1080p at 60Hz
B126004 TRIPPLITE-B126004 Datasheet
543Kb / 3P
4-Port HDMI over Cat5-Cat6 Extender Splitter,Box-Style Transmitter for Video and Audio,1920x1200 1080p at 60Hz
B132004A2 TRIPPLITE-B132004A2 Datasheet
498Kb / 3P
4-Port VGA with Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft.
B136100 TRIPPLITE-B136100 Datasheet
502Kb / 2P
Component Video with Stereo Audio over Cat5-Cat6 Extender, In-Line Remote Receiver
B136100WP1 TRIPPLITE-B136100WP1 Datasheet
498Kb / 2P
Component Video with Stereo Audio over Cat5-Cat6 Extender, Wallplate Remote Receiver
B136101 TRIPPLITE-B136101 Datasheet
476Kb / 2P
Component Video with Stereo Audio over Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver
B136101WP1 TRIPPLITE-B136101WP1 Datasheet
506Kb / 2P
Component Video with Stereo Audio over Cat5-Cat6 Extender Kit, Wallplate Transmitter and Receiver
B140002 TRIPPLITE-B140002 Datasheet
514Kb / 3P
2-Port DVI over Cat5/Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
B140004 TRIPPLITE-B140004 Datasheet
504Kb / 3P
4-Port DVI over Cat5-Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
B136-101-WP-1 TRIPPLITE-B136-101-WP-1 Datasheet
165Kb / 3P
Component Video with Stereo Audio over Cat5/Cat6 Extender Kit, Wallplate Transmitter and Receiver, Up to 700-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com