Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ44VL Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ44VL
Description  Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44VL Datasheet(HTML) 1 Page - International Rectifier

  IRFZ44VL Datasheet HTML 1Page - International Rectifier IRFZ44VL Datasheet HTML 2Page - International Rectifier IRFZ44VL Datasheet HTML 3Page - International Rectifier IRFZ44VL Datasheet HTML 4Page - International Rectifier IRFZ44VL Datasheet HTML 5Page - International Rectifier IRFZ44VL Datasheet HTML 6Page - International Rectifier IRFZ44VL Datasheet HTML 7Page - International Rectifier IRFZ44VL Datasheet HTML 8Page - International Rectifier IRFZ44VL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFZ44VS
IRFZ44VL
HEXFET® Power MOSFET
01/04/02
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
55
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
39
A
IDM
Pulsed Drain Current

220
PD @TC = 25°C
Power Dissipation
115
W
Linear Derating Factor
0.77
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
115
mJ
IAR
Avalanche Current

55
A
EAR
Repetitive Avalanche Energy

11
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.3
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
www.irf.com
1
VDSS = 60V
RDS(on) = 16.5mΩ
ID = 55A
S
D
G
Advanced HEXFET® Power MOSFETs from International Rectifier utilize advanced
processing techniques to achieve extremely low on-resistance per silicon area.
This benefit, combined with the fast switching speed and ruggedized device
design that HEXFET power MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of accommodating die
sizes up to HEX-4. It provides the highest power capability and the lowest possible
on-resistance in any existing surface mount package. The D2Pak is suitable for
high current applications because of its low internal connection resistance and
can dissipate up to 2.0W in a typical surface mount application.
The through-hole version (IRFZ44VL) is available for low-profile applications.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Optimized for SMPS Applications
Description
D2Pak
IRFZ44VS
TO-262
IRFZ44VL
PD - 94050A


Similar Part No. - IRFZ44VL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44VLPBF IRF-IRFZ44VLPBF Datasheet
216Kb / 10P
HEXFET Power MOSFET
More results

Similar Description - IRFZ44VL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ34 IRF-IRCZ34 Datasheet
130Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
IRF5N3205 IRF-IRF5N3205 Datasheet
118Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44V IRF-IRFZ44V Datasheet
229Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=16.5mw, Id=55A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ46N IRF-IRFZ46N Datasheet
85Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=16.5mohm, Id=53A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com